Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7484Q Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7484Q
Description  AUTOMOTIVE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7484Q Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7484Q Datasheet HTML 2Page - International Rectifier IRF7484Q Datasheet HTML 3Page - International Rectifier IRF7484Q Datasheet HTML 4Page - International Rectifier IRF7484Q Datasheet HTML 5Page - International Rectifier IRF7484Q Datasheet HTML 6Page - International Rectifier IRF7484Q Datasheet HTML 7Page - International Rectifier IRF7484Q Datasheet HTML 8Page - International Rectifier IRF7484Q Datasheet HTML 9Page - International Rectifier IRF7484Q Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7484Q
6
www.irf.com
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14. Typical Threshold Voltage Vs.
Junction Temperature
Fig 15. Typical Power Vs. Time
0
20406080
100
120
ID , Drain Current (A)
8.60
8.70
8.80
8.90
9.00
9.10
9.20
9.30
9.40
VGS = 7.0V
1.00
10.00
100.00
1000.00
Time (sec)
0
10
20
30
40
50
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VGS, Gate -to -Source Voltage (V)
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
ID = 14A
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
ID = 250µA


Similar Part No. - IRF7484Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7484QPBF IRF-IRF7484QPBF Datasheet
248Kb / 10P
   AUTOMOTIVE MOSFET
More results

Similar Description - IRF7484Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com