Electronic Components Datasheet Search |
|
T409D105M020PK4250 Datasheet(PDF) 4 Page - Kemet Corporation |
|
T409D105M020PK4250 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 10 page T409 (CWR09) Ratings & Part Number Reference © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com Capaci- tance μF Case Size KEMET Part Number Mil-C-55365/4F Part Number DC Leakage μμA @ 25ºC Max DF % @ +25ºC 120 Hz Max ESR Ω Ω @ +25°C 100 kHz Max 50 Volt Rating at +85 C (33 Volt Rating at + 125 C) 0.10 A T409A104(1)050(2)(3)(4) CWR09N(3)104(1)(2)(5) 1.0 6.0 22.0 0.15 A T409A154(1)050(2)(3)(4) CWR09N(3)154(1)(2)(5) 1.0 6.0 17.0 0.22 B T409B224(1)050(2)(3)(4) CWR09N(3)224(1)(2)(5) 1.0 6.0 14.0 0.33 B T409B334(1)050(2)(3)(4) CWR09N(3)334(1)(2)(5) 1.0 6.0 12.0 0.47 C T409C474(1)050(2)(3)(4) CWR09N(3)474(1)(2)(5) 1.0 6.0 8.0 0.68 D T409D684(1)050(2)(3)(4) CWR09N(3)684(1)(2)(5) 1.0 6.0 7.0 1.0 E T409E105(1)050(2)(3)(4) CWR09N(3)105(1)(2)(5) 1.0 6.0 6.0 1.5 F T409F155(1)050(2)(3)(4) CWR09N(3)155(1)(2)(5) 1.0 6.0 4.0 2.2 F T409F225(1)050(2)(3)(4) CWR09N(3)225(1)(2)(5) 2.0 6.0 2.5 3.3 G T409G335(1)050(2)(3)(4) CWR09N(3)335(1)(2)(5) 2.0 6.0 2.0 4.7 H T409H475(1)050(2)(3)(4) CWR09N(3)475(1)(2)(5) 3.0 6.0 1.5 KEMET Case Codes Tape and Reel Dimensions Tape Width - mm Pitch - mm ± 0.1 Reel Quantity Part Sprocket 180mm (7” diameter) 330mm (13” diameter) A 1005 8 4 4 2500 9500 B 1505 12 4 4 2500 9500 C 2005 12 4 4 2500 9500 D 1510 12 4 4 2500 9500 E 2010 12 4 4 2500 9500 F 2214 12 8 4 1000 3500 G 2711 12 8 4 500 2500 H 2915 12 8 4 500 2500 X 2824 12 8 4 500 2500 Packaging Information (1) To complete KEMET/CWR part number, insert K = ±10%; M = ±20% and J = ±5% Capacitance tolerance. (2) To complete KEMET/CWR part number, insert A = Non-ER; Weibull: B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs or D# = 0.001%/1000 Hrs. or Exponential: M = 1.0%/1000 hrs., P = 0.1%/1000 hrs., R = 0.01%/1000 hrs. or S = 0.001%/1000 hrs. Reliability Level. Note: D# - 50 Volt Components not Qualified to D Product Level. (3) To complete KEMET part number, insert B = Gold plated; C = Hot solder dipped; H = Solder plated or K = Solder Fused Termination Finish. (4) To complete KEMET part number, insert 4250 = +25°C after Weibull; 4251 = -55° + 85°C after Weibull; or 4252 = -55, & +85°C before Weibull Surge Current Option. (5) To complete CWR part number, insert A = +25°C after Weibull; B = -55° + 85°C after Weibull; or C = -55, & +85°C before Weibull Surge Current Option. • No c-spec required for 7” reel packaging. C-7280 required for 13” reel packaging • Standard reel packaging is not mandatory • Bulk packaging also available using C-7610 |
Similar Part No. - T409D105M020PK4250 |
|
Similar Description - T409D105M020PK4250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |