Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3349EA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3349EA
Description  USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3349EA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3349EA Datasheet HTML 1Page - Maxim Integrated Products MAX3349EA Datasheet HTML 2Page - Maxim Integrated Products MAX3349EA Datasheet HTML 3Page - Maxim Integrated Products MAX3349EA Datasheet HTML 4Page - Maxim Integrated Products MAX3349EA Datasheet HTML 5Page - Maxim Integrated Products MAX3349EA Datasheet HTML 6Page - Maxim Integrated Products MAX3349EA Datasheet HTML 7Page - Maxim Integrated Products MAX3349EA Datasheet HTML 8Page - Maxim Integrated Products MAX3349EA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
USB 2.0 Full-Speed Transceiver with UART
Multiplexing Mode
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted.)
VUART, VL, VBUS, D+, D- ..........................................-0.3V to +6V
VTRM .........................................................-0.3V to (VBUS + 0.3V)
VP, VM, SUS, RX, TX, ENUM, RCV, OE, BD, -0.3V to (VL + 0.3V)
Short Circuit Current (D+ and D-)...................................±150mA
Maximum Continuous Current (all other pins) .................±15mA
Continuous Power Dissipation (TA = +70°C)
16-Bump UCSP (derate 8.2mW/°C above +70°C) ....659.5mW
16-Pin 4mm x 4mm TQFN (derate 25.0mW/°C
above +70°C).............................................................2000mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Temperature (soldering, reflow) ............................+235°C
ELECTRICAL CHARACTERISTICS
(VBUS = +4.0V to +5.5V, VUART = +2.7V to +3.3V, VL = +1.40V to +2.75V, TA = -40°C to +85°C, unless otherwise noted. Typical val-
ues are at VBUS = +5V, VL = +1.8V, VUART = +2.75V (UART Mode), and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY INPUTS/OUTPUTS (VBUS, VUART, VTRM, VL)
VBUS Input Range
VBUS
USB mode
4.0
5.5
V
VL Input Range
VL
1.40
2.75
V
VUART Input Range
VUART
UART mode
2.7
3.3
V
Regulated Supply-Voltage Output
VTRM
Internal regulator, USB mode
3.0
3.6
V
Operating VBUS Supply Current
IBUS
Full-speed transmitting/receiving at
12Mbps, CL = 50pF on D+ and D-
10
mA
Operating VUART Supply Current
IVUART
UART transmitting/receiving at
921kbaud, CL = 200pF
2.5
mA
Static VUART Supply Current
IVUART(STATIC)
UART mode
3.5
5
µA
Operating VL Supply Current
IVL
Full-speed transmitting/receiving at
12Mbps, CL = 50pF on D+ and D-
6mA
Full-speed idle,
VD+ > +2.7V, VD- < +0.3V
290
400
Full-Speed Idle and SE0 Supply
Current
IVBUS(IDLE)
SE0: VD+ < +0.3V, VD- < +0.3V
340
450
µA
Static VL Supply Current
IVL(STATIC)
Full-speed idle, SE0, suspend mode, or
static UART mode
210
µA
Sharing Mode VL Supply Current
IVL(OFF)
VBUS and VUART not present
2
5
µA
USB Suspend VBUS Supply
Current
IVBUS(SUS)
VM, VP unconnected;
OE = 1, SUS = 1
38
65
µA
VBUS DETECTION (BD)
VL = +1.8V
1.8
2.7
3.4
USB Power-Supply Detection
Threshold
VTH_VBUS
VL = +2.5V
2.3
3.2
4.0
V
VL = +1.8V
80
USB Power-Supply Detection
Hysteresis
VHYS_VBUS
VL = +2.5V
100
mV
VL Power-Supply Detection
Threshold
VTH_VL
0.7
V


Similar Part No. - MAX3349EA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EEBE MAXIM-MAX3349EEBE Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EEBET MAXIM-MAX3349EEBET Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EETE MAXIM-MAX3349EETE Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
More results

Similar Description - MAX3349EA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
NCN9252 ONSEMI-NCN9252 Datasheet
150Kb / 8P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
logo
Future Technology Devic...
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
   Full-Speed USB to UART converter
logo
Exar Corporation
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com