Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3349EAEBE+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3349EAEBE+T
Description  USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3349EAEBE+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3349EAEBE+T Datasheet HTML 1Page - Maxim Integrated Products MAX3349EAEBE+T Datasheet HTML 2Page - Maxim Integrated Products MAX3349EAEBE+T Datasheet HTML 3Page - Maxim Integrated Products MAX3349EAEBE+T Datasheet HTML 4Page - Maxim Integrated Products MAX3349EAEBE+T Datasheet HTML 5Page - Maxim Integrated Products MAX3349EAEBE+T Datasheet HTML 6Page - Maxim Integrated Products MAX3349EAEBE+T Datasheet HTML 7Page - Maxim Integrated Products MAX3349EAEBE+T Datasheet HTML 8Page - Maxim Integrated Products MAX3349EAEBE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
USB 2.0 Full-Speed Transceiver with UART
Multiplexing Mode
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (continued)
(VBUS = +4.0V to +5.5V, VUART = +2.7V to +3.3V, VL = +1.4V to +2.75V, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VBUS = +5V, VL = +1.8V, VUART = +2.75V (UART Mode), and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-to-off transition,
VL > +1.65V (Figure 5)
10
tPHZ_SE
High-to-off transition,
+1.4V < VL < +1.65V (Figure 5)
12
Low-to-off transition,
VL > +1.65V (Figure 5)
10
Single-Ended Receiver Disable
Delay
tPLZ_SE
Low-to-off transition,
+1.4V < VL < +1.65V (Figure 5)
12
ns
Off-to-high transition,
VL > +1.65V (Figure 5)
20
tPZH_SE
Off-to-high transition,
+1.4V < VL < +1.65 (Figure 5)
20
Off-to-low transition,
VL > +1.65V (Figure 5)
20
Single-Ended Receiver Enable
Delay
tPZL_SE
Off-to-low transition,
+1.4V < VL < +1.65V (Figure 5)
20
ns
UART DRIVER CHARACTERISTICS (CL = 200pF)
Rise Time (D-)
tFR_TUART
10% to 90% of
|VOHD - VOLD| (Figure 13)
60
200
ns
Fall Time (D-)
tFF_TUART
90% to 10% of
|VOHD - VOLD| (Figure 13)
60
200
ns
tPLH_TUART
(Figure 13)
70
200
Driver Propagation Delay
tPHL_TUART
(Figure 13)
70
200
ns
UART RECEIVER CHARACTERISTICS (CL = 15pF)
tPLH_RUART
(Figure 14)
60
Receiver (Rx) Propagation Delay
tPHL_RUART
(Figure 14)
60
ns
tFR_RUART
(Figure 14)
45
Receiver (Rx) Rise/Fall Time
tFF_RUART
(Figure 14)
45
ns
Note 1: Parameters are 100% production tested at TA =+25°C, unless otherwise noted. Limits over temperature are guaranteed
by design.
Note 2: Guaranteed by design, not production tested.


Similar Part No. - MAX3349EAEBE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EEBE MAXIM-MAX3349EEBE Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EEBET MAXIM-MAX3349EEBET Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EETE MAXIM-MAX3349EETE Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
More results

Similar Description - MAX3349EAEBE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
NCN9252 ONSEMI-NCN9252 Datasheet
150Kb / 8P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
logo
Future Technology Devic...
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
   Full-Speed USB to UART converter
logo
Exar Corporation
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com