Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD6050 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # MMBD6050
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD6050 Datasheet(HTML) 2 Page - Won-Top Electronics

  MMBD6050 Datasheet HTML 1Page - Won-Top Electronics MMBD6050 Datasheet HTML 2Page - Won-Top Electronics MMBD6050 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD6050
2 of 3
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
178
3,000
187 x 187 x 65
15,000
390 x 240 x 420
150,000
10.0
T2
= Device Code
T2
inches(mm)
0.035
(0.90)
0.031
(0.8)
0.035
(0.90)
0.079
(2.0)
0.037
(0.95)
178mm
Product ID Label
8mm
Direction of Unreeling
8mm
4mm
1.6mm
Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
Inspection Hole
TAPE & REEL
4mm


Similar Part No. - MMBD6050

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBD6050 ZOWIE-MMBD6050 Datasheet
49Kb / 2P
   SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
   Small-Signal Switching Diode
logo
Pan Jit International I...
MMBD6050 PANJIT-MMBD6050 Datasheet
472Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
logo
SEMTECH ELECTRONICS LTD...
MMBD6050 SEMTECH_ELEC-MMBD6050 Datasheet
144Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Shenzhen Luguang Electr...
MMBD6050 LUGUANG-MMBD6050 Datasheet
206Kb / 2P
   Surface Mount Switching Diode
More results

Similar Description - MMBD6050

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com