Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4800CQI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4800CQI
Description  Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4800CQI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4800CQI Datasheet HTML 6Page - Maxim Integrated Products MAX4800CQI Datasheet HTML 7Page - Maxim Integrated Products MAX4800CQI Datasheet HTML 8Page - Maxim Integrated Products MAX4800CQI Datasheet HTML 9Page - Maxim Integrated Products MAX4800CQI Datasheet HTML 10Page - Maxim Integrated Products MAX4800CQI Datasheet HTML 11Page - Maxim Integrated Products MAX4800CQI Datasheet HTML 12Page - Maxim Integrated Products MAX4800CQI Datasheet HTML 13Page - Maxim Integrated Products MAX4800CQI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Low-Charge Injection,
8-Channel, High-Voltage Analog Switches
10
______________________________________________________________________________________
When VNN is connected to GND (single-supply applica-
tions), the devices operate with VPP up to +200V. The
VPP and VNN high-voltage supplies are not required to
be symmetrical, but the voltage difference VPP - VNN
must not exceed 200V.
Bleed Resistors (MAX4802)
The MAX4802 features integrated 35k
Ω bleed resistors
to discharge capacitive loads such as piezoelectric
transducers. Each analog switch terminal is connected
to RGND with a bleed resistor.
Serial Interface
The MAX4800/MAX4801/MAX4802 are controlled by a
serial interface with an 8-bit serial shift register and
transparent latch. Each of the eight data bits controls a
single analog switch (see Table 1). Data on DIN is
clocked with the most significant bit (MSB) first into the
shift register on the rising edge of CLK. Data is clocked
out of the shift register onto DOUT on the rising edge of
CLK. DOUT reflects the status of DIN, delayed by eight
clock cycles (see Figures 1 and 2).
Latch Enable (
LE)
Drive LE logic-low to change the contents of the latch
and update the state of the high-voltage switches
(Figure 2). Drive LE logic-high to freeze the contents of
the latch and prevent changes to the switch states. To
reduce noise due to clock feedthrough, drive LE logic-
high while data is clocked into the shift register. After
the data shift register is loaded with valid data, pulse
LE logic-low to load the contents of the shift register
into the latch.
Latch Clear (CLR)
The MAX4800/MAX4801/MAX4802 feature a latch clear
input. Drive CLR logic-high to reset the contents of the
latch to zero and open all switches. CLR does not
affect the contents of the data shift register. Pulse LE
logic-low to reload the contents of the shift register into
the latch.
Power-On Reset
The MAX4800/MAX4801/MAX4802 feature a power-on
reset circuit to ensure all switches are open at power-
on. The internal 8-bit serial shift register and latch are
set to zero on power-up.
LE
CLK
DOUT
DATA FROM PREVIOUS DATA BYTE POWER-UP DEFAULT: D7-D0 = 0
D7
D6
D5
D4
D3
D2
D1
D0
D7
DIN
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
Figure 2. Latch Enable Interface Timing


Similar Part No. - MAX4800CQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800CQI MAXIM-MAX4800CQI Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
More results

Similar Description - MAX4800CQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com