Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4800CXZ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4800CXZ
Description  Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4800CXZ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4800CXZ Datasheet HTML 1Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 2Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 3Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 4Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 5Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 6Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 7Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 8Page - Maxim Integrated Products MAX4800CXZ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Low-Charge Injection,
8-Channel, High-Voltage Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +13.2V, VPP = +40V to VNN + 200V, VNN = -15V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
14
Switch-Off Leakage
ICOM_(OFF),
INO_(OFF)
VCOM_, VNO_ = VPP - 10V or
unconnected;
RGND unconnected
(MAX4802)
TA = TMIN
to TMAX
10
µA
Switch-Off DC Offset
RL = 100k
Ω (MAX4800/MAX4801),
No load (MAX4802)
100
300
mV
Switch-On DC Offset
RL =100k
Ω (MAX4800/MAX4801),
No load (MAX4802)
100
500
mV
TA = 0°C
3
TA = +25°C
2
3
Switch-Output Peak Current
(Note 3)
ICOM_ duty cycle
≤ 0.1%
TA = +70°C
2
A
VPP – VNN
≤ 200V
COM_, NO1–NO7
300
VPP – VNN
≤ 200V, NO0
30
Switch-Output Isolation Diode
Current
(Note 3)
300ns pulse width, 2%
duty cycle
VPP – VNN
≤ 160V
COM_, NO_
750
mA
SWITCH DYNAMIC CHARACTERISITICS
f = 5MHz, RL = 1k
Ω, CL = 15pF
-30
-33
Off-Isolation (Note 3)
VISO
f = 5MHz, RL = 50
-58
-77
dB
Crosstalk (Note 3)
VCT
f = 5MHz, RL = 50
-60
-80
dB
COM_, NO_
Off-Capacitance
(Note 3)
CCOM_
(OFF),
CNO_ (OFF)
VCOM_ = 0, VNO_ = 0, f = 1MHz
4
11
18
pF
COM_ On-Capacitance
(Note 3)
CCOM_
(ON)
VCOM_ = 0, f = 1MHz
20
36
56
pF
Output-Voltage Spike (Note 3)
VSPK
RL = 50
-150
+150
mV
VPP = +40V, VNN= -160V, VCOM_ = 0
820
VPP = +100V, VNN = -100V, VCOM_ = 0
600
Charge Injection
Q
VPP = +160V, VNN = -40V, VCOM_ = 0
350
pC
LOGIC LEVELS
VDD
≥ +4.5V
1.5
Logic-Input Low Voltage
VIL
VDD < +4.5V
0.75
V
VDD
≥ +4.5V
VDD -
1.5
Logic-Input High Voltage
VIH
VDD < +4.5V
VDD -
0.75
V
Logic-Input Capacitance (Note 3)
CIN
10
pF
Logic-Input Leakage
IIN
-1
+1
µA
VDD
≥ +4.5V, ISINK = 1mA
0.4
V
DOUT Low Voltage
VOL
VDD < +4.5V, ISINK = 0.5mA
0.4
V


Similar Part No. - MAX4800CXZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800CXZ MAXIM-MAX4800CXZ Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
More results

Similar Description - MAX4800CXZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com