Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4924ELT+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4924ELT+
Description  Overvoltage Protectors with External pFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4924ELT+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4924ELT+ Datasheet HTML 1Page - Maxim Integrated Products MAX4924ELT+ Datasheet HTML 2Page - Maxim Integrated Products MAX4924ELT+ Datasheet HTML 3Page - Maxim Integrated Products MAX4924ELT+ Datasheet HTML 4Page - Maxim Integrated Products MAX4924ELT+ Datasheet HTML 5Page - Maxim Integrated Products MAX4924ELT+ Datasheet HTML 6Page - Maxim Integrated Products MAX4924ELT+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Overvoltage Protectors with
External pFET
4
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1IN
Voltage Input. IN is both the power-supply input and the overvoltage/undervoltage sense input. Bypass IN to
GND with a 1µF ceramic capacitor as close as possible to the device to enable ±15kV (HBM) ESD protection
on IN.
2
GND
Ground
3
FLAG
Fault Indication Open-Drain Output. FLAG deasserts high during undervoltage and overvoltage lockout
conditions. FLAG asserts low during normal operation.
4
GATE
pFET Gate Drive Output. GATE is driven high during a fault condition to turn off the external pFET. When
VUVLO < VIN < VOVLO, GATE is driven low and the external pFET is turned on.
5, 6
N.C.
No Connection. Not internally connected. Leave N.C. unconnected.
MAX4923–MAX4926
GATE DRIVER
GATE
IN
GND
FLAG
CONTROL
LOGIC AND
TIMER
OVLO AND
UVLO
DETECTOR
Functional Diagram
VIN
tDEB
tDEB
VOVLO
VUVLO
3V
tGON
tGON
tFLAG
tFLAG
tGOFF
tGOFF
O.5V
VIN - 0.5V
VIN - 0.5V
O.5V
VGATE
VFLAG
Figure 1. Timing Diagram


Similar Part No. - MAX4924ELT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4920B MAXIM-MAX4920B Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4920BETD+T MAXIM-MAX4920BETD+T Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921B MAXIM-MAX4921B Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921BETD+T MAXIM-MAX4921BETD+T Datasheet
317Kb / 19P
   Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
More results

Similar Description - MAX4924ELT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14606 MAXIM-MAX14606 Datasheet
1Mb / 11P
   Overvoltage Protectors with Reverse Bias Blocking
Rev 0; 12/11
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com