Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5062 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5062
Description  125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5062 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5062 Datasheet HTML 1Page - Maxim Integrated Products MAX5062 Datasheet HTML 2Page - Maxim Integrated Products MAX5062 Datasheet HTML 3Page - Maxim Integrated Products MAX5062 Datasheet HTML 4Page - Maxim Integrated Products MAX5062 Datasheet HTML 5Page - Maxim Integrated Products MAX5062 Datasheet HTML 6Page - Maxim Integrated Products MAX5062 Datasheet HTML 7Page - Maxim Integrated Products MAX5062 Datasheet HTML 8Page - Maxim Integrated Products MAX5062 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
125V/2A, High-Speed,
Half-Bridge MOSFET Drivers
_______________________________________________________________________________________
5
UNDERVOLTAGE LOCKOUT
(VDD AND VBST RISING) vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
6.6
6.7
6.8
6.9
7.0
7.1
7.2
7.3
7.4
7.5
6.5
-40
125
UVLOVDD
UVLOBST
VDD AND BST UNDERVOLTAGE LOCKOUT
HYSTERESIS vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
125
UVLOBST
HYSTERESIS
UVLOVDD
HYSTERESIS
IDD vs. VDD
MAX5062/3/4 toc03
40
μs/div
VDD
2V/div
500
μA/div
0A
0V
IDD
MAX5064
IN_L-, IN_H- = VDD
IN_L+, IN_H+ = GND
IDDO + IBSTO vs. VDD
(fSW = 250kHz)
VDD (V)
12
10 11
3456789
12
1.0
0.8
0.6
0.4
0.2
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
013
0
60
40
20
80
100
120
140
160
180
200
0.5
0.7
0.6
0.8
0.9
1.0
1.1
INTERNAL BST DIODE
(I-V) CHARACTERISTICS
VDD - VBST (V)
TA = +125
°C
TA = +25
°C
TA = 0
°C
TA = -40
°C
0
60
40
20
80
100
120
140
160
04
26
8
10
15
3
7
9
1112131415
VDD QUIESCENT CURRENT
vs. VDD (NO SWITCHING)
VDD (V)
TA = -40
°C
TA = +125
°C
MAX5064
TA = +25
°C, TA = 0°C
0
6
3
9
12
15
18
21
04
26
8
10
15
3
7
9
1112131415
BST QUIESCENT CURRENT
vs. BST VOLTAGE
VBST (V)
VBST = VDD + 1V,
NO SWITCHING
TA = +125
°C
TA = -40
°C, TA = 0°C, TA = +25°C
Typical Operating Characteristics
(Typical values are at VDD = VBST = +12V and TA = +25°C, unless otherwise specified.)


Similar Part No. - MAX5062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062AASA MAXIM-MAX5062AASA Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062BASA MAXIM-MAX5062BASA Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062CASA MAXIM-MAX5062CASA Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062DASA MAXIM-MAX5062DASA Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
More results

Similar Description - MAX5062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
   125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com