Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5481 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5481
Description  10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5481 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5481 Datasheet HTML 5Page - Maxim Integrated Products MAX5481 Datasheet HTML 6Page - Maxim Integrated Products MAX5481 Datasheet HTML 7Page - Maxim Integrated Products MAX5481 Datasheet HTML 8Page - Maxim Integrated Products MAX5481 Datasheet HTML 9Page - Maxim Integrated Products MAX5481 Datasheet HTML 10Page - Maxim Integrated Products MAX5481 Datasheet HTML 11Page - Maxim Integrated Products MAX5481 Datasheet HTML 12Page - Maxim Integrated Products MAX5481 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
10-Bit, Nonvolatile, Linear-Taper Digital
Potentiometers
_______________________________________________________________________________________
9
Pin Description
PIN
TQFN
TSSOP
NAME
FUNCTION
112H
High Terminal
211W
Wiper Terminal
310L
Low Terminal
4–7, 15
7, 8, 9, 13
N.C.
No Connection. Not internally connected.
8, 16
14
VSS
Negative Power-Supply Input. For single-supply operation, connect VSS to GND. For dual-
supply operation, -2.5V
≤ VSS ≤ -0.2V as long as (VDD - VSS) ≤ +5.25V. Bypass VSS to GND
with a 0.1µF ceramic capacitor as close to the device as possible.
96
SPI/UD
Interface-Mode Select. Select serial SPI interface when SPI/UD = 1. Select serial up/down
interface when SPI/UD = 0.
Serial SPI Interface Data Input (SPI/UD = 1)
10
5
DIN(U/D)
Up/Down Control Input (SPI/UD = 0). With DIN(U/D) low, a high-to-low SCLK(INC) transition
decrements the wiper position. With DIN(U/D) high, a high-to-low SCLK(INC) transition
increments the wiper position.
Serial SPI Interface Clock Input (SPI/UD = 1)
11
4
SCLK(INC)
Wiper-Increment Control Input (SPI/UD = 0). With CS low, the wiper position moves in the
direction determined by the state of DIN(U/D) on a high-to-low transition.
12
3
CS
Active-Low Digital Input Chip Select
13
2
GND
Ground
14
1
VDD
Positive Power-Supply Input (+2.7V
≤ VDD ≤ +5.25V). Bypass VDD to GND with a 0.1µF
ceramic capacitor as close to the device as possible.
EP
EP
Exposed Pad. Externally connect EP to VSS or leave unconnected.
(MAX5481/MAX5482 Voltage-Dividers)


Similar Part No. - MAX5481

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5481ETE MAXIM-MAX5481ETE Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481ETE++ MAXIM-MAX5481ETE+ Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481EUD MAXIM-MAX5481EUD Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481EUD++ MAXIM-MAX5481EUD+ Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
More results

Similar Description - MAX5481

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com