Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5229B Datasheet(PDF) 2 Page - Won-Top Electronics

Part # MMSZ5229B
Description  500mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMSZ5229B Datasheet(HTML) 2 Page - Won-Top Electronics

  MMSZ5229B Datasheet HTML 1Page - Won-Top Electronics MMSZ5229B Datasheet HTML 2Page - Won-Top Electronics MMSZ5229B Datasheet HTML 3Page - Won-Top Electronics MMSZ5229B Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMSZ5221B – MMSZ5262B
2 of 4
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
Typical Temp.
Coefficient of
Zener Voltage
Type
Number
(Note 1)
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
Ω
Ω
Ω)
(mA)
Ω
Ω
Ω)
(mA)
(µA)
(V)
(%/K)
MMSZ5221B
MMSZ5222B
MMSZ5223B
MMSZ5225B
C1
C2
C3
C5
2.4
2.5
2.7
3.0
2.28
2.38
2.57
2.85
2.52
2.63
2.84
3.15
30
30
30
30
20
20
20
20
1200
1250
1300
1600
0.25
0.25
0.25
0.25
100
100
75
50
1.0
1.0
1.0
1.0
-0.075
-0.075
-0.075
-0.075
MMSZ5226B
MMSZ5227B
MMSZ5228B
MMSZ5229B
D1
D2
D3
D4
3.3
3.6
3.9
4.3
3.14
3.42
3.71
4.09
3.47
3.78
4.10
4.52
28
24
23
22
20
20
20
20
1600
1700
1900
2000
0.25
0.25
0.25
0.25
25
15
10
5.0
1.0
1.0
1.0
1.0
-0.070
-0.065
-0.060
-0.055
MMSZ5230B
MMSZ5231B
MMSZ5232B
MMSZ5234B
D5
E1
E2
E4
4.7
5.1
5.6
6.2
4.47
4.85
5.32
5.89
4.94
5.36
5.88
6.51
19
17
11
7.0
20
20
20
20
1900
1600
1600
1000
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
2.0
2.0
3.0
4.0
±0.030
±0.030
+0.038
+0.045
MMSZ5235B
MMSZ5236B
MMSZ5237B
MMSZ5239B
E5
F1
F2
F4
6.8
7.5
8.2
9.1
6.46
7.13
7.79
8.65
7.14
7.88
8.61
9.56
5.0
6.0
8.0
10
20
20
20
20
750
500
500
600
0.25
0.25
0.25
0.25
3.0
3.0
3.0
3.0
5.0
6.0
6.0
6.5
+0.050
+0.058
+0.062
+0.068
MMSZ5240B
MMSZ5241B
MMSZ5242B
MMSZ5243B
F5
H1
H2
H3
10
11
12
13
9.50
10.45
11.40
12.35
10.50
11.55
12.60
13.65
17
22
30
13
20
20
20
9.5
600
600
600
600
0.25
0.25
0.25
0.25
3.0
2.0
1.0
0.5
8.0
8.4
9.1
9.9
+0.075
+0.076
+0.077
+0.079
MMSZ5245B
MMSZ5246B
MMSZ5248B
MMSZ5250B
H5
J1
J3
J5
15
16
18
20
14.25
15.20
17.10
19.00
15.75
16.80
18.90
21.00
16
17
21
25
8.5
7.8
7.0
6.2
600
600
600
600
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
11
12
14
15
+0.082
+0.083
+0.085
+0.086
MMSZ5251B
MMSZ5252B
MMSZ5254B
MMSZ5255B
K1
K2
K4
K5
22
24
27
28
20.90
22.80
25.65
26.60
23.10
25.20
28.35
29.40
29
33
41
44
5.6
5.2
5.0
4.5
600
600
600
600
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
17
18
21
21
+0.087
+0.087
+0.090
+0.091
MMSZ5256B
MMSZ5257B
MMSZ5258B
MMSZ5259B
M1
M2
M3
M4
30
33
36
39
28.50
31.35
34.20
37.05
31.50
34.65
37.80
40.95
49
58
70
80
4.2
3.8
3.4
3.2
600
700
700
800
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
23
25
27
30
+0.091
+0.092
+0.093
+0.094
MMSZ5260B
MMSZ5261B
MMSZ5262B
M5
N1
N2
43
47
51
40.85
44.65
48.45
45.15
49.35
53.55
93
105
125
3.0
2.7
2.5
900
1000
1100
0.25
0.25
0.25
0.1
0.1
0.1
33
36
39
+0.095
+0.095
+0.096
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured with pulses tp = 1ms.
3. f = 1KHz


Similar Part No. - MMSZ5229B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MMSZ5229B DGNJDZ-MMSZ5229B Datasheet
535Kb / 2P
   SOD-123 Plastic-Encapsulate Diodes
logo
Pan Jit International I...
MMSZ5229B PANJIT-MMSZ5229B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5229B DIOTEC-MMSZ5229B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
TAITRON Components Inco...
MMSZ5229B TAITRON-MMSZ5229B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
Frontier Electronics.
MMSZ5229B FRONTIER-MMSZ5229B Datasheet
146Kb / 2P
   ZENER DIODES
More results

Similar Description - MMSZ5229B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com