Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6340 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6340
Description  Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6340 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6340 Datasheet HTML 1Page - Maxim Integrated Products MAX6340 Datasheet HTML 2Page - Maxim Integrated Products MAX6340 Datasheet HTML 3Page - Maxim Integrated Products MAX6340 Datasheet HTML 4Page - Maxim Integrated Products MAX6340 Datasheet HTML 5Page - Maxim Integrated Products MAX6340 Datasheet HTML 6Page - Maxim Integrated Products MAX6340 Datasheet HTML 7Page - Maxim Integrated Products MAX6340 Datasheet HTML 8Page - Maxim Integrated Products MAX6340 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Power, SC70/SOT µP Reset Circuits with
Capacitor-Adjustable Reset Timeout Delay
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1V to 5.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at VCC = 5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
VCC ........................................................................-0.3V to +6.0V
SRT, RESET, RESET (push-pull).................-0.3V to (VCC + 0.3V)
RESET (open drain)...............................................-0.3V to +6.0V
Input Current (all pins)......................................................±20mA
Output Current (RESET, RESET) ......................................±20mA
Continuous Power Dissipation (TA = +70°C)
4-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
4-Pin SOT143 (derate 4mW/°C above +70°C).............320mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
1.0
5.5
V
VCC
≤ 5.0V
2.5
4.2
VCC
≤ 3.3V
1.9
3.4
Supply Current
ICC
VCC
≤ 2.0V
1.6
2.5
µA
TA = +25°C
VTH - 1.5%
VTH + 1.5%
VCC Reset Threshold Accuracy
VTH
TA = -40°C to +125°C
VTH - 2.5%
VTH + 2.5%
V
Hysteresis
VHYST
4 x VTH
mV
VCC to Reset Delay
tRD
VCC falling at 1mV/µs
80
µs
CSRT = 1500pF
3.00
4.375
5.75
Reset Timeout Period
tRP
CSRT = 0
0.275
ms
VSRT Ramp Current
IRAMP
VSRT = 0 to 0.65V; VCC = 1.6V to 5V
240
nA
VSRT Ramp Threshold
VTH-RAMP
VCC = 1.6V to 5V (VRAMP rising)
0.65
V
RAMP Threshold Hysteresis
VRAMP falling threshold
33
mV
VCC
≥ 1.0V, ISINK = 50µA
0.3
VCC
≥ 2.7V, ISINK = 1.2mA
0.3
RESET Output Voltage Low
VOL
VCC
≥ 4.5V, ISINK = 3.2mA
0.4
V
VCC
≥ 1.8V, ISOURCE = 200µA
0.8 x VCC
VCC
≥ 2.25V, ISOURCE = 500µA
0.8 x VCC
RESET Output Voltage High,
Push-Pull
VOH
VCC
≥ 4.5V, ISOURCE = 800µA
0.8 x VCC
V
RESET Output Leakage Current,
Open-Drain
ILKG
VCC > VTH, reset not asserted
1.0
µA
VCC
≥ 1.0V, ISOURCE = 1µA
0.8 x VCC
VCC
≥ 1.8V, ISOURCE = 150µA
0.8 x VCC
VCC
≥ 2.7V, ISOURCE = 500µA
0.8 x VCC
RESET Output Voltage High
VOH
VCC
≥ 4.5V, ISOURCE = 800µA
0.8 x VCC
V
VCC
≥ 1.8V, ISINK = 500µA
0.3
VCC
≥ 2.7V, ISINK = 1.2mA
0.3
RESET Output Voltage Low
VOL
VCC
≥ 4.5V, ISINK = 3.2mA
0.4
V
Note 1: Devices production tested at +25°C. Overtemperature limits are guaranteed by design.


Similar Part No. - MAX6340

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340-T MAXIM-MAX6340-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6340UK16-T MAXIM-MAX6340UK16-T Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340UK22-T MAXIM-MAX6340UK22-T Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340UK26-T MAXIM-MAX6340UK26-T Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
More results

Similar Description - MAX6340

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com