Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1504 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MP1504
Description  15A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MP1504 Datasheet(HTML) 1 Page - Won-Top Electronics

  MP1504 Datasheet HTML 1Page - Won-Top Electronics MP1504 Datasheet HTML 2Page - Won-Top Electronics MP1504 Datasheet HTML 3Page - Won-Top Electronics MP1504 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP1500 – MP1510
1 of 4
© 2006 Won-Top Electronics
Pb
MP1500 – MP1510
15A SINGLE-PHASE BRIDGE RECTIFIER
Features
Diffused Junction
High Current Capability
H
High Case Dielectric Strength
G
High Surge Current Capability
+
~
Ideal for Printed Circuit Board Application
A
Plastic Material has UL Flammability 94V-0
E
~
-
Recognized File # E157705
E
Mechanical Data
Case: MP-15, Molded Plastic with Heatsink
Terminals: Plated Leads Solderable per
D
C
MIL-STD-202, Method 208
Polarity: Marked on Body
B
Weight: 5.4 grams (approx.)
Mounting Position: Through Hole for #6 Screw
Metal Heatsink
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MP
1500
MP
1501
MP
1502
MP
1504
MP
1506
MP
1508
MP
1510
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 70°C
IO
15
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
300
A
Forward Voltage per leg
@IF = 7.5A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
10
1.0
µA
mA
I
2t Rating for Fusing (t<8.3ms) (Note 2)
I
2
t
127
A
2s
Typical Junction Capacitance (Note 3)
Cj
180
pF
Typical Thermal Resistance per leg (Note 1)
RθJC
6.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
MP-15
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
19.00
D
1.27 Ø Typical
E
5.33
7.37
Hole for #6 screw
G
3.60
4.00
H
12.20
13.80
All Dimensions in mm


Similar Part No. - MP1504

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MP1504 WTE-MP1504 Datasheet
42Kb / 3P
   15A BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
MP1504 BILIN-MP1504 Datasheet
101Kb / 2P
   SILICON BRIDGE RECTIFIERS
MP1504 BILIN-MP1504 Datasheet
101Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
MP1504 RFE-MP1504 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Formosa MS
MP1504 FORMOSA-MP1504 Datasheet
112Kb / 6P
   Bridge Rectifier
More results

Similar Description - MP1504

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
   15A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150 Datasheet
21Kb / 3P
   15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A_06 Datasheet
77Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15 WTE-KBPC15_06 Datasheet
54Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBPC15 NELLSEMI-KBPC15 Datasheet
313Kb / 3P
   Single-Phase Bridge Rectifier, 15A
logo
Won-Top Electronics
GBPC15 WTE-GBPC15 Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com