Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT3439S.22 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT3439S.22
Description  1 A /450 Volts NPN Switching Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT3439S.22 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT3439S.22 Datasheet HTML 1Page - Solid States Devices, Inc SFT3439S.22 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT3439S.22
Electrical Characteristics
4/
Symbol
Min
Typ
Max
Units
Collector Cutoff Current
VCB = 360 V
VCB = 450 V
VCB = 360 V, TA= 150ºC
ICBO1
ICBO2
ICBO3
––
––
––
0.05
0.1
––
2
5
100
µA
Collector Cutoff Current
VCE = 300 V
ICEO
––
0.02
2
µA
Collector Cutoff Current
VCE = 450 V, VBE= 1.5 V
ICEX1
––
––
5
µA
Emitter Cutoff Current
VEB = 7.0 V
IEBO
––
0.01
10
µA
VCE = 10V, IC = 0.2 mA
VCE = 10V, IC = 2 mA
VCE = 10V, IC = 20 mA
HFE1
HFE2
HFE4
10
30
40
65
90
115
––
––
160
DC Forward Current
Transfer Ratio *
VCE = 10V, IC = 20mA, Ta= -55ºC
HFE4
15
30
––
Collector to Emitter
Saturation Voltage
IC = 50 mA, I = 4 mA
VCE(sat)1
––
0.23
0.5
V
Base to Emitter
Saturation Voltage
IC = 50 mA, IB= 4 mA
VBE(sat)1
––
0.75
1.3
V
Frequency Transition
(Small Signal Current Gain)
@ f= 5 MHz
VCE = 10V, IC = 10mA, f = 5 MHz
hfe
3
5.5
15
Small Signal Current Gain
@ f= 1 kHz
VCE = 10V, IC = 5mA, f = 1 kHz
hfe
25
110
––
Output Capacitance
VCB = 10V, f = 1MHz
Cobo
––
8
10
pF
Input Capacitance
VBE = 5V, f = 1MHz
Cibo
––
35
75
pF
Pulse Response
VCC = 200V, IC = 20mA, IB = 2mA
ton
toff
––
––
––
––
1
10
µs
Safe Operating Area
VCE = 5V, IC = 1A, t = 1 s
VCE = 350V, IC = 14 mA, t = 1 s
SOA1
SOA2
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0086A
DOC
NOTES:
* Pulse Test: Pulse Width = 300
µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, Availability Contact
Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.


Similar Part No. - SFT3439S.22

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT3403 SSDI-SFT3403 Datasheet
160Kb / 3P
   5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
More results

Similar Description - SFT3439S.22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFT102 ETC-SFT102 Datasheet
284Kb / 6P
   0.5AMP HIGH VOLTAGE NPN TRANSISTOR 450 VOLTS
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5 Datasheet
37Kb / 2P
   2 A /500 Volts NPN switching Transistor
logo
Motorola, Inc
MJ16020 MOTOROLA-MJ16020 Datasheet
168Kb / 4P
   NPN SILICON POWER TRANSISTOR 30 AMPERES 450 VOLTS
logo
Solid States Devices, I...
SPMT6678-01 SSDI-SPMT6678-01 Datasheet
57Kb / 2P
   90 AMP 450 VOLTS NPN TRANSISTOR POWER MODULE
SFT3019 SSDI-SFT3019 Datasheet
38Kb / 2P
   1 A 80 VOLTS NPN HIGH SPEED TRANSISTOR
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
logo
Solid States Devices, I...
SFT8600-4 SSDI-SFT8600-4 Datasheet
56Kb / 2P
   1 AMP 1000 VOLTS NPN TRANSISTOR
STX7905 SSDI-STX7905 Datasheet
56Kb / 2P
   1 AMP 600 VOLTS NPN TRANSISTOR
XN0033J SSDI-XN0033J Datasheet
128Kb / 3P
   1 AMP 1000 Volts NPN Transistor
SFT8600 SSDI-SFT8600 Datasheet
159Kb / 2P
   1 AMP 1000 VOLTS NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com