Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5243BW Datasheet(PDF) 3 Page - Won-Top Electronics

Part # MMBZ5243BW
Description  200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBZ5243BW Datasheet(HTML) 3 Page - Won-Top Electronics

  MMBZ5243BW Datasheet HTML 1Page - Won-Top Electronics MMBZ5243BW Datasheet HTML 2Page - Won-Top Electronics MMBZ5243BW Datasheet HTML 3Page - Won-Top Electronics MMBZ5243BW Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBZ5221BW – MMBZ5262BW
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
178
3,000
187 x 187 x 65
15,000
390 x 240 x 420
150,000
10.0
xx
inches(mm)
0.035
(0.90)
0.028
(0.70)
0.035
(0.90)
0.075
(1.90)
0.025
(0.64)
178mm
Product ID Label
8mm
Direction of Unreeling
8mm
4mm
1.6mm
Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
Inspection Hole
TAPE & REEL
4mm
xx
= Device Code, See Page 2


Similar Part No. - MMBZ5243BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5243BW PANJIT-MMBZ5243BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5243BW SKTECHNOLGY-MMBZ5243BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
MMBZ5243BW DIODES-MMBZ5243BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Weitron Technology
MMBZ5243BW WEITRON-MMBZ5243BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5243BW DIODES-MMBZ5243BW Datasheet
458Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 10 - 2
More results

Similar Description - MMBZ5243BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com