Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT6650-3 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT6650-3
Description  10 AMP / 80 Volts 50 MHz PNP POWER DARLINGTON BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6650-3 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT6650-3 Datasheet HTML 1Page - Solid States Devices, Inc SFT6650-3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0089A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
TO-3
SFT6650/3
10 AMP / 80 Volts
50 MHz
PNP POWER DARLINGTON
BIPOLAR TRANSISTOR
Features:
• Low Saturation Voltage
• Hermetically Sealed, Isolated Package
• Direct Replacement for 2N6650
• TX, TXV, S-Level Screening Available,
Equivalent to MIL-PRF-19500/527
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
80
Volts
Collector – Base Voltage
VCBO
80
Volts
Emitter – Base Voltage
VEBO
5
Volts
Continuous Collector Current
IC
10
Amps
Maximum Base Current
IB
0.25
Amps
Power Dissipation
@ TA = 25ºC
@ TC = 25ºC
PD1
PD2
5
85
W
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
1.76
ºC/W
TO-3
1.197
1.177
Ø.875 MAX
2x .043
.038
.675
.655
.525 MAX
.135
MAX
.440
.420
2x .225
.205
.450
.250
2x .312
MIN
2x Ø.165
.151
2x R.188 MAX
1
SEATING PLANE
2
1
1
NOTES:
THIS DIMENSION SHALL BE MEASURED
AT POINTS .050 - .055" BELOW THE
SEATING PLANE. WHEN GAGE IS NOT
USED, MEASUREMENT WILL BE MADE AT
SEATING PLANE.
THIS OUTLINE DOES NOT MEET THE
MINIMUM CRITERIA ESTABLISHED
BY JS-10 FOR REGISTRATION.


Similar Part No. - SFT6650-3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT6678 SSDI-SFT6678 Datasheet
39Kb / 2P
   15 AMPS 400 Volts NPN High Speed Power Transistor
SFT6678 SSDI-SFT6678 Datasheet
205Kb / 3P
   NPN High Speed Power Transistor
SFT6678/3 SSDI-SFT6678/3 Datasheet
39Kb / 2P
   15 AMPS 400 Volts NPN High Speed Power Transistor
SFT6678M SSDI-SFT6678M Datasheet
39Kb / 2P
   15 AMPS 400 Volts NPN High Speed Power Transistor
SFT6678M SSDI-SFT6678M Datasheet
205Kb / 3P
   NPN High Speed Power Transistor
More results

Similar Description - SFT6650-3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0120A SSDI-TR0120A Datasheet
181Kb / 4P
   4 AMP PNP Darlington Power Transistor 80 Volts
logo
Central Semiconductor C...
CP527-2N6668 CENTRAL-CP527-2N6668 Datasheet
709Kb / 4P
   PNP - Darlington Transistor Die 10 Amp, 80 Volt
R0 28-June 2016
logo
Solid States Devices, I...
TR0121A SSDI-TR0121A Datasheet
190Kb / 4P
   4 AMP NPN Darlington Power Transistor 80 Volts
TR0089 SSDI-TR0089 Datasheet
34Kb / 2P
   PNP POWER DARLINGTON BIPOLAR TRANSISTOR
TR0126B SSDI-TR0126B Datasheet
144Kb / 2P
   50 AMP NPN DARLINGTON TRANSISTOR 400 VOLTS
logo
Central Semiconductor C...
CP630-2N6036 CENTRAL-CP630-2N6036 Datasheet
596Kb / 6P
   PNP - Darlington Transistor Die 4.0 Amp, 80 Volt
R0 28-July 2016
CP127-2N6385 CENTRAL-CP127-2N6385 Datasheet
738Kb / 4P
   NPN - Darlington Transistor Die 10 Amp, 80 Volt
R0 28-January 2016
CP127-2N6388 CENTRAL-CP127-2N6388 Datasheet
737Kb / 4P
   NPN - Darlington Transistor Die 10 Amp, 80 Volt
R0 28-January 2016
logo
Solid States Devices, I...
SFT79G SSDI-SFT79G Datasheet
205Kb / 2P
   5 AMP HIGH ENERGY PNP TRANSISTOR 80 VOLTS
logo
Motorola, Inc
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com