Electronic Components Datasheet Search |
|
C440C569J5G5CA Datasheet(PDF) 9 Page - Kemet Corporation |
|
C440C569J5G5CA Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 48 page S C315 C320 C330 C340 C350 H * C333 H *.276 (7.00) MIN. S C323 H * S * C317 C322 S D .060 (1.52) MAX. L T * C330 H DIMENSIONS — INCHES & MILLIMETERS CASE L H T S(1) D SIZE MAX. MAX. MAX. ±.030 (.78) +.004 (.10)- .001 (.025) C315 .150 (3.81) .210 (5.33) .130 (3.30) .100 (2.54) .020 (.51) C317 .150 (3.81) .230 (5.84) .130 (3.30) .200 (5.08) .020 (.51) C320 .200 (5.08) .260 (6.60) .150 (3.81) .100 (2.54) .020 (.51) C322 .200 (5.08) .260 (6.60) .150 (3.81) .200 (5.08) .020 (.51) C323 .200 (5.08) .320 (8.13) .150 (3.81) .200 (5.08) .020 (.51) C330 .300 (7.62) .360 (9.14) .200 (5.08) .200 (5.08) .020 (.51) C333 .300 (7.62) .390 (9.91) .200 (5.08) .200 (5.08) .020 (.51) C340 .400 (10.16) .460 (11.68) .200 (5.08) .200 (5.08) .020 (.51) C350 .500 (12.70) .560 (14.22) .250 (6.35) .400 (10.16) .025 (.64) For packaging information, see pages 40, and 41. M 102 320 T 5 C A R 1 C CERAMIC CASE SIZE (See Table Above) SPECIFICATION C — Standard CAPACITANCE, CODE Expressed in Picofarads (pF) First Two Digits — Significant Figures Third Digit — Number of Zeros (Use 9 for 1.0 thru 9.9 pF. Example: 2.2pF — 229) FAILURE RATE INTERNAL CONSTRUCTION CAPACITANCE TOLERANCE D — ±0.5 pF F — ±1% G — ±2% J — ±5% A — Not Applicable K — ±10% M — ±20% Z — -20, +80% TERMINATION MATERIAL T — 100% Tin H — SnPb C — 100% Sn (Not recommended for new design) 5 — Standard DIELECTRIC EIA Designation G — C0G (NP0) — Ultra-Stab le R — X7R — Stable U — Z5U — General Pur pose RATED VOLTAGE 2 — 200 1 — 100 5 — 50 C — 500 D —1000 * *Part Number Example: C320C102M1R5CA (14 digits – no spaces) P — 0%, +100% F — 1500 G — 2000 Z — 2500 H — 3000 ORDERING INFORMATION Drawings are not to scale. See table below for dimensions. See page 10 for optional lead configurations. STANDARD LEAD CONFIGURATION — OUTLINE DRAWINGS © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 9 CERAMIC CONFORMALLY COATED/RADIAL “STANDARD & HIGH VOLTAGE GOLDEN MAX” NOTE: 1 inch = 25.4 mm. NOTE: (1) Measured at seating plane. Case Size L Max. H. Max Standard T Max. High Voltage T Max. S(1) ±.030 (.78) D +.004(.10) -.001(.025) C315 0.150 (3.81) 0.210 (5.33) 0.100 0.150 0.100 (2.54) 0.020 (.51) C317 0.150 (3.81) 0.230 (5.84) 0.100 0.150 0.200 (5.08) 0.020 (.51) C320 0.200 (5.08) 0.260 (6.60) 0.125 0.200 0.100 (2.54) 0.020 (.51) C322 0.200 (5.08) 0.260 (6.60) 0.125 0.200 0.200 (5.08) 0.020 (.51) C323 0.200 (5.08) 0.320 (8.13) 0.125 0.200 0.200 (5.08) 0.020 (.51) C330 0.300 (7.62) 0.360 (9.14) 0.150 0.250 0.200 (5.08) 0.020 (.51) C333 0.300 (7.62) 0.390 (9.91) 0.150 0.250 0.200 (5.08) 0.020 (.51) C340 0.400 (10.16) 0.460 (11.68) 0.150 0.270 0.200 (5.08) 0.020 (.51) C350 0.500 (12.70) 0.560 (14.22) 0.200 0.270 0.400 (10.16) 0.025 (.64) |
Similar Part No. - C440C569J5G5CA |
|
Similar Description - C440C569J5G5CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |