Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6713_EXS-T10 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6713_EXS-T10
Description  4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6713_EXS-T10 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6713_EXS-T10 Datasheet HTML 1Page - Maxim Integrated Products MAX6713_EXS-T10 Datasheet HTML 2Page - Maxim Integrated Products MAX6713_EXS-T10 Datasheet HTML 3Page - Maxim Integrated Products MAX6713_EXS-T10 Datasheet HTML 4Page - Maxim Integrated Products MAX6713_EXS-T10 Datasheet HTML 5Page - Maxim Integrated Products MAX6713_EXS-T10 Datasheet HTML 6Page - Maxim Integrated Products MAX6713_EXS-T10 Datasheet HTML 7Page - Maxim Integrated Products MAX6713_EXS-T10 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-Pin SC70 Microprocessor Reset Circuits
with Manual Reset Input
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = +5V for L/M versions, VCC = +3.3V for
T/S versions, VCC = +3V for R version, VCC = +2.5V for Z version, and TA = +25°C.)
200
POWER-UP RESET TIMEOUT vs.
TEMPERATURE
300
TEMPERATURE (°C)
250
225
275
-40
80
100 120
20
-20
0
60
40
MAX671_ L/M
MAX671_ R/S/T/Z
0.998
RESET THRESHOLD vs. TEMPERATURE
1.001
TEMPERATURE (°C)
1.000
0.999
-40
80
100
120
20
-20
0
60
40
VTH = 4.63V
0
MAX671_L/M
POWER-DOWN RESET DELAY vs. TEMPERATURE
120
150
180
TEMPERATURE (°C)
60
30
90
-40
80
100 120
20
-20
0
60
40
VOD = 10mV
VOD = 20mV
VOD = 200mV
VOD = 100mV
0
MAX671_R/S/T/Z
POWER-DOWN RESET DELAY vs. TEMPERATURE
80
TEMPERATURE (°C)
40
20
60
-40
80
100 120
20
-20
0
60
40
VOD = 10mV
VOD = 20mV
VOD = 200mV
VOD = 100mV
-40
20
40
-20
0
60
80
100 120
SUPPLY CURRENT vs. TEMPERATURE
(NO LOAD)
TEMPERATURE (
°C)
0
5
10
15
MAX671 _Z, VCC = 2.5V
MAX671_L/M, VCC = 5V
MAX671 _L/M/R/S/T/Z, VCC = 1V
MAX671 _R/S/T, VCC = 3.3V


Similar Part No. - MAX6713_EXS-T10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6713_EXS-T10 MAXIM-MAX6713_EXS-T10 Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results

Similar Description - MAX6713_EXS-T10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com