Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5230B-T1 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MMSZ5230B-T1
Description  500mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMSZ5230B-T1 Datasheet(HTML) 1 Page - Won-Top Electronics

  MMSZ5230B-T1 Datasheet HTML 1Page - Won-Top Electronics MMSZ5230B-T1 Datasheet HTML 2Page - Won-Top Electronics MMSZ5230B-T1 Datasheet HTML 3Page - Won-Top Electronics MMSZ5230B-T1 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMSZ5221B – MMSZ5262B
1 of 4
© 2006 Won-Top Electronics
Pb
MMSZ5221B – MMSZ5262B
500mW SURFACE MOUNT ZENER DIODE
Features
Planar Die Construction
500mW Power Dissipation
A
2.4 – 51V Nominal Zener Voltage
5% Standard Vz Tolerance
Designed for Surface Mount Application
C
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
E
Mechanical Data
H
Case: SOD-123, Molded Plastic
G
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.01 grams (approx.)
Marking: Device Code, See Page 2
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1)
Pd
500
mW
Forward Voltage @ IF = 10mA
VF
0.9
V
Thermal Resistance Junction to Ambient (Note 1)
RθJA
340
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Diode on ceramic substrate 10mm x 8mm x 0.7mm.
WTE
POWER SEMICONDUCTORS
SOD-123
Dim
Min
Max
A
3.6
3.9
B
2.5
2.8
C
1.4
1.8
D
0.5
0.7
E
0.2
G
0.4
H
0.95
1.35
J
0.12
All Dimensions in mm


Similar Part No. - MMSZ5230B-T1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMSZ5230B-TP MCC-MMSZ5230B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - MMSZ5230B-T1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com