Electronic Components Datasheet Search |
|
T429E105K020RK4250 Datasheet(PDF) 2 Page - Kemet Corporation |
|
T429E105K020RK4250 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 10 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com KEMET ORDERING INFORMATION Surge Designator 4250 Surge = +25°C after Weibull 4251 Surge = -55°C +85°C after Weibull 4252 Surge = -55°C +85°C before Weibull Note: For order entry purposes the last 4-digits of the part number will be entered in the KEMET Customer Specification (C-Spec)Field. Termination Finish B = Gold plated C = Hot solder dipped H = Solder plated K = Solder fused Capacitance Tolerances M = ±10%; K = ±10%; J = ±5% Tantalum Series T409 MIL-PRF-55365/4 T419 MIL-PRF-55365/11 T429 MIL-PRF-55365/11 Case Size A, B, C, D, E, F, G, H, X Capacitance Picofarad Code First two digits represent significant figures. Third digit specifies number of zeros to follow. T 409 B 105 K 020 C H 4250 Voltage As shown Capacitance Tolerance K = ±10%, M = ±20%, J = ±5% Voltage C = 4V J = 20V D = 6V K = 25V F = 10V M = 35V H = 15V N = 50V Termination Finish Code B = Gold plated C = Hot solder dipped H = Solder plated K = Solder fused Capacitance Picofarad Code First two digits represent significant figures. Third digit specifies number of zeros to follow. Style CWR19, CWR29 CWR19 K H 225 K C D A Surge Current Option A = +25°C after Weibull B = -55°C +85°C after Weibull C = -55°C +85°C before Weibull Z = None MIL-PRF-55365 (CWR19/29) ORDERING INFORMATION Case Code A,B,C,D,E,F,G,H,X Capacitance Tolerance K = ±10%, M = ±20%, J = ±5% Voltage C = 4V J = 20V D = 6V K = 25V F = 10V M = 35V H = 15V N = 50V Reliability Level * Exponential Weibull M = (1.0%/1000 hrs.) A = Non-ER P = (0.1%/1000 hrs.) B = (0.1%/1000 hrs.) R = (0.01%/1000 hrs.) C = (0.01%/1000 hrs.) S = (0.001%.1000 hrs.) D = (0.001%/1000 hrs.)# * Inactive for new design. Termination Finish Code B = Gold plated C = Hot solder dipped H = Solder plated K = Solder fused Capacitance Picofarad Code First two digits represent significant figures. Third digit specifies number of zeros to follow. Style CWR09 CWR09 J H 105 K C A Surge Current Option A = +25°C after Weibull B = -55°C +85°C after Weibull C = -55°C +85°C before Weibull MIL-PRF-55365 (CWR09) ORDERING INFORMATION Reliability Level * Exponential Weibull M = (1.0%/1000 hrs.) A = Non-ER P = (0.1%/1000 hrs.) B = (0.1%/1000 hrs.) R = (0.01%/1000 hrs.) C = (0.01%/1000 hrs.) S = (0.001%.1000 hrs.) D = (0.001%/1000 hrs.)# * Inactive for new design. Reliability Level *Exponential Weibull M = (1.0%/1000 hrs.) A = Non-ER P = (0.1%/1000 hrs.) B = (0.1%/1000 hrs.) R = (0.01%/1000 hrs.) C = (0.01%/1000 hrs.) S = (0.001%.1000 hrs.) D = (0.001%/1000 hrs.)# * Inactive for new design. |
Similar Part No. - T429E105K020RK4250 |
|
Similar Description - T429E105K020RK4250 |