Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHE57Z30 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHE57Z30
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHE57Z30 Datasheet(HTML) 1 Page - International Rectifier

  IRHE57Z30 Datasheet HTML 1Page - International Rectifier IRHE57Z30 Datasheet HTML 2Page - International Rectifier IRHE57Z30 Datasheet HTML 3Page - International Rectifier IRHE57Z30 Datasheet HTML 4Page - International Rectifier IRHE57Z30 Datasheet HTML 5Page - International Rectifier IRHE57Z30 Datasheet HTML 6Page - International Rectifier IRHE57Z30 Datasheet HTML 7Page - International Rectifier IRHE57Z30 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
12*
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
8.0
IDM
Pulsed Drain Current
À
48
PD @ TC = 25°C
Max. Power Dissipation
25
W
Linear Derating Factor
0.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
156
mJ
IAR
Avalanche Current
À
12
A
EAR
Repetitive Avalanche Energy
À
2.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
2.3
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
0.42 (Typical)
g
Pre-Irradiation
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space
applications. These devices have been characterized
for Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low RDS(on) and low gate charge reduces the power
losses in switching applications such as DC to DC
converters and motor control. These devices retain
all of the well established advantages of MOSFETs
such as voltage control, fast switching, ease of
paralleling and temperature stability of electrical
parameters.
oC
A
04/26/06
www.irf.com
1
For footnotes refer to the last page
LCC-18
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Surface Mount
n Light Weight
RADIATION HARDENED
JANSR2N7494U5
POWER MOSFET
30V, N-CHANNEL
SURFACE MOUNT (LCC-18)
REF: MIL-PRF-19500/700
TECHNOLOGY
IRHE57Z30
™
55
Product Summary
Part Number
Radiation Level RDS(on)
ID
QPL Part Number
IRHE57Z30
100K Rads (Si)
0.07
12A* JANSR2N7494U5
IRHE53Z30
300K Rads (Si)
0.07
12A*
JANSF2N7494U5
IRHE54Z30
500K Rads (Si)
0.07
12A*
JANSG2N7494U5
IRHE58Z30
1000K Rads (Si)
0.07
12A*
JANSH2N7494U5
* Current is limited by package
PD - 93863E


Similar Part No. - IRHE57Z30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE57Z30 IRF-IRHE57Z30 Datasheet
138Kb / 8P
   Simple Drive Requirements
IRHE57Z30 IRF-IRHE57Z30_15 Datasheet
138Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHE57Z30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE7130 IRF-IRHE7130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
JANTXVR2N7261U IRF-JANTXVR2N7261U Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com