Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHE57034 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHE57034
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHE57034 Datasheet(HTML) 1 Page - International Rectifier

  IRHE57034 Datasheet HTML 1Page - International Rectifier IRHE57034 Datasheet HTML 2Page - International Rectifier IRHE57034 Datasheet HTML 3Page - International Rectifier IRHE57034 Datasheet HTML 4Page - International Rectifier IRHE57034 Datasheet HTML 5Page - International Rectifier IRHE57034 Datasheet HTML 6Page - International Rectifier IRHE57034 Datasheet HTML 7Page - International Rectifier IRHE57034 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
11.7
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
7.4
IDM
Pulsed Drain Current
À
46.8
PD @ TC = 25°C
Max. Power Dissipation
25
W
Linear Derating Factor
0.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
87
mJ
IAR
Avalanche Current
À
11.7
A
EAR
Repetitive Avalanche Energy
À
2.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
3.4
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
0.42 (Typical)
g
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space
applications. These devices have been characterized
for Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low RDS(on) and low gate charge reduces the
power losses in switching applications such as DC
to DC converters and motor control. These devices
retain all of the well established advantages of
MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of
electrical parameters.
oC
A
04/27/06
www.irf.com
1
Product Summary
Part Number Radiation Level
RDS(on)
ID
QPL Part Number
IRHE57034
100K Rads (Si)
0.08
11.7A
JANSR2N7495U5
IRHE53034
300K Rads (Si)
0.08
11.7A
JANSF2N7495U5
IRHE54034
500K Rads (Si)
0.08
11.7A
JANSG2N7495U5
IRHE58034
1000K Rads (Si)
0.1
11.7A
JANSH2N7495U5
For footnotes refer to the last page
Pre-Irradiation
LCC-18
Features:
n Single Event Effect (SEE) Hardened
n Ultra Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n Ceramic Package
n Light Weight
RADIATION HARDENED
JANSR2N7495U5
POWER MOSFET
60V, N-CHANNEL
SURFACE MOUNT (LCC-18)
REF: MIL-PRF-19500/700
™
55
IRHE57034
TECHNOLOGY
PD - 94239E


Similar Part No. - IRHE57034

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE57034 IRF-IRHE57034 Datasheet
131Kb / 8P
   Simple Drive Requirements
IRHE57034 IRF-IRHE57034_15 Datasheet
131Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHE57034

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE7130 IRF-IRHE7130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
JANTXVR2N7261U IRF-JANTXVR2N7261U Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com