Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHF57Z30 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHF57Z30
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHF57Z30 Datasheet(HTML) 1 Page - International Rectifier

  IRHF57Z30 Datasheet HTML 1Page - International Rectifier IRHF57Z30 Datasheet HTML 2Page - International Rectifier IRHF57Z30 Datasheet HTML 3Page - International Rectifier IRHF57Z30 Datasheet HTML 4Page - International Rectifier IRHF57Z30 Datasheet HTML 5Page - International Rectifier IRHF57Z30 Datasheet HTML 6Page - International Rectifier IRHF57Z30 Datasheet HTML 7Page - International Rectifier IRHF57Z30 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
12
*
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
10
IDM
Pulsed Drain Current
À
48
PD @ TC = 25°C
Max. Power Dissipation
25
W
Linear Derating Factor
0.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
520
mJ
IAR
Avalanche Current
À
12
A
EAR
Repetitive Avalanche Energy
À
2.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
3.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead
Temperature
300 ( 0.063 in./1.6mm from case for 10s)
Weight
0.98 (Typical)
g
Pre-Irradiation
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space
applications. These devices have been characterized
for Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low RDS(on) and low gate charge reduces the power
losses in switching applications such as DC to DC
converters and motor control. These devices retain
all of the well established advantages of MOSFETs
such as voltage control, fast switching, ease of
paralleling and temperature stability of electrical
parameters.
oC
A
04/25/06
www.irf.com
1
Features:
n Single Event Effect (SEE) Hardened
n Ultra Low RDS(on)
n Identical Pre and Post Electrical Test Conditions
n Repetitive Avalanche Ratings
n Dynamic dv/dt Ratings
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
For footnotes refer to the last page
TO-39
* Current is limited by package
RADIATION HARDENED
JANSR2N7491T2
POWER MOSFET
30V, N-CHANNEL
THRU-HOLE (TO-39)
REF: MIL-PRF-19500/701
™
5
5 TECHNOLOGY
IRHF57Z30
Product Summary
Part Number
Radiation Level RDS(on)
ID
QPL Part Number
IRHF57Z30
100K Rads (Si)
0.045
12A* JANSR2N7491T2
IRHF53Z30
300K Rads (Si)
0.045
Ω 12A* JANSF2N7491T2
IRHF54Z30
500K Rads (Si)
0.045
Ω 12A* JANSG2N7491T2
IRHF58Z30
1000K Rads (Si)
0.056
Ω 12A* JANSH2N7491T2
PD - 93793E


Similar Part No. - IRHF57Z30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF57Z30 IRF-IRHF57Z30 Datasheet
143Kb / 8P
   Simple Drive Requirements
IRHF57Z30 IRF-IRHF57Z30_15 Datasheet
143Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHF57Z30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF57234SE IRF-IRHF57234SE Datasheet
186Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597130 IRF-IRHF597130 Datasheet
203Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57133SE IRF-IRHF57133SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57130 IRF-IRHF57130 Datasheet
113Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597230 IRF-IRHF597230 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57034 IRF-IRHF57034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF67230 IRF-IRHF67230 Datasheet
209Kb / 9P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com