Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANSF2N7494U5 Datasheet(PDF) 2 Page - International Rectifier

Part # JANSF2N7494U5
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSF2N7494U5 Datasheet(HTML) 2 Page - International Rectifier

  JANSF2N7494U5 Datasheet HTML 1Page - International Rectifier JANSF2N7494U5 Datasheet HTML 2Page - International Rectifier JANSF2N7494U5 Datasheet HTML 3Page - International Rectifier JANSF2N7494U5 Datasheet HTML 4Page - International Rectifier JANSF2N7494U5 Datasheet HTML 5Page - International Rectifier JANSF2N7494U5 Datasheet HTML 6Page - International Rectifier JANSF2N7494U5 Datasheet HTML 7Page - International Rectifier JANSF2N7494U5 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHE57Z30, JANSR2N7495U5
Pre-Irradiation
2
www.irf.com
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
12*
ISM
Pulse Source Current (Body Diode)
À
——
48
VSD
Diode Forward Voltage
1.8
V
Tj = 25°C, IS = 12A, VGS = 0V Ã
trr
Reverse Recovery Time
102
ns
Tj = 25°C, IF = 12A, di/dt ≤100A/µs
QRR Reverse Recovery Charge
196
nC
VDD ≤ 25V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
30
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.025
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.07
VGS = 12V, ID = 8.0A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
8.0
S ( )VDS ≥ 15V, IDS = 8.0A Ã
IDSS
Zero Gate Voltage Drain Current
10
VDS= 24V ,VGS=0V
——
25
VDS = 24V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
65
VGS =12V, ID = 12A
Qgs
Gate-to-Source Charge
20
nC
VDS = 15V
Qgd
Gate-to-Drain (‘Miller’) Charge
10
td(on)
Turn-On Delay Time
25
VDD = 15V, ID = 12A
tr
Rise Time
100
VGS =12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
35
tf
Fall Time
30
LS + LD
Total Inductance
6.1
Ciss
Input Capacitance
2184
VGS = 0V, VDS = 25V
Coss
Output Capacitance
940
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
35
nA
Ã
nH
ns
µA
Measured from the center of
drain pad to center of source pad
Note: Corresponding Spice and Saber models are available on International Rectifier web site.
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
5.0
RthJPCB
Junction-to-PC Board
19
Solder to a copper clad PC Board
°C/W
* Current is limited by package


Similar Part No. - JANSF2N7494U5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSF2N7491T2 IRF-JANSF2N7491T2 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
JANSF2N7492T2 IRF-JANSF2N7492T2 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
JANSF2N7495U5 IRF-JANSF2N7495U5 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
More results

Similar Description - JANSF2N7494U5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE7130 IRF-IRHE7130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
JANTXVR2N7261U IRF-JANTXVR2N7261U Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com