Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLNA77064 Datasheet(PDF) 4 Page - International Rectifier

Part # IRHLNA77064
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLNA77064 Datasheet(HTML) 4 Page - International Rectifier

  IRHLNA77064 Datasheet HTML 1Page - International Rectifier IRHLNA77064 Datasheet HTML 2Page - International Rectifier IRHLNA77064 Datasheet HTML 3Page - International Rectifier IRHLNA77064 Datasheet HTML 4Page - International Rectifier IRHLNA77064 Datasheet HTML 5Page - International Rectifier IRHLNA77064 Datasheet HTML 6Page - International Rectifier IRHLNA77064 Datasheet HTML 7Page - International Rectifier IRHLNA77064 Datasheet HTML 8Page - International Rectifier IRHLNA77064 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRHLNA77064
Pre-Irradiation
4
www.irf.com
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
15
2.5
3
3.5
4
4.5
5
VGS, Gate-to-Source Voltage (V)
10
100
1000
VDS = 25V
6
0µs PULSE WIDTH
TJ = 150°C
TJ = 25°C
0.1
1
10
100
VDS , Drain-to-Source Voltage (V)
1
10
100
1000
60
µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM 2.5V
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.0
0.4
0.8
1.2
1.6
2.0
VGS = 4.5V
ID = 56A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60
µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM 2.5V
2.5V


Similar Part No. - IRHLNA77064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLNA77064 IRF-IRHLNA77064 Datasheet
199Kb / 9P
   Simple Drive Requirements
IRHLNA77064 IRF-IRHLNA77064_15 Datasheet
199Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHLNA77064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLNA797064 IRF-IRHLNA797064 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
IRHLNJ797034 IRF-IRHLNJ797034 Datasheet
209Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNJ77034 IRF-IRHLNJ77034 Datasheet
202Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
JANSR2N7626UB IRF-JANSR2N7626UB Datasheet
231Kb / 11P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
180Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com