Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMB53Z60 Datasheet(PDF) 4 Page - International Rectifier

Part # IRHMB53Z60
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Tabless - Low-Ohmic TO-254AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMB53Z60 Datasheet(HTML) 4 Page - International Rectifier

  IRHMB53Z60 Datasheet HTML 1Page - International Rectifier IRHMB53Z60 Datasheet HTML 2Page - International Rectifier IRHMB53Z60 Datasheet HTML 3Page - International Rectifier IRHMB53Z60 Datasheet HTML 4Page - International Rectifier IRHMB53Z60 Datasheet HTML 5Page - International Rectifier IRHMB53Z60 Datasheet HTML 6Page - International Rectifier IRHMB53Z60 Datasheet HTML 7Page - International Rectifier IRHMB53Z60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRHMB57Z60
Pre-Irradiation
4
www.irf.com
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
15
0.1
1
10
100
VDS , Drain-to-Source Voltage (V)
1
10
100
1000
60
µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
12V
10V
8.0V
6.0V
5.0V
4.5V
BOTTOM 4.0V
4.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
60
µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
8.0V
6.0V
5.0V
4.5V
BOTTOM 4.0V
4.0V
4
4.555.5
6
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
VDS = 15V
6
0µs PULSE WIDTH
TJ = 150°C
TJ = 25°C
-60 -40 -20 0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
VGS = 12V
ID = 45A


Similar Part No. - IRHMB53Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMB53064 IRF-IRHMB53064 Datasheet
177Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Tabless - Low-Ohmic TO-254AA)
More results

Similar Description - IRHMB53Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMB57064 IRF-IRHMB57064 Datasheet
177Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Tabless - Low-Ohmic TO-254AA)
IRHMS593260 IRF-IRHMS593260 Datasheet
214Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMB57260SE IRF-IRHMB57260SE Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597Z60 IRF-IRHMS597Z60 Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67160 IRF-IRHMS67160 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS57064 IRF-IRHMS57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597064 IRF-IRHMS597064 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67164 IRF-IRHMS67164 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
JANSR2N7476T1 IRF-JANSR2N7476T1 Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597160 IRF-IRHMS597160 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com