Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMJ7250 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHMJ7250
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (TO-254AA Tabless)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMJ7250 Datasheet(HTML) 2 Page - International Rectifier

  IRHMJ7250 Datasheet HTML 1Page - International Rectifier IRHMJ7250 Datasheet HTML 2Page - International Rectifier IRHMJ7250 Datasheet HTML 3Page - International Rectifier IRHMJ7250 Datasheet HTML 4Page - International Rectifier IRHMJ7250 Datasheet HTML 5Page - International Rectifier IRHMJ7250 Datasheet HTML 6Page - International Rectifier IRHMJ7250 Datasheet HTML 7Page - International Rectifier IRHMJ7250 Datasheet HTML 8Page - International Rectifier IRHMJ7250 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
IRHMJ7250
Pre-Irradiation
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS =0 V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.27
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source
0.10
VGS = 12V, ID = 16A
On-State Resistance
0.11
VGS = 12V, ID = 26A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
8.0
S ( )VDS > 15V, IDS = 16A „
IDSS
Zero Gate Voltage Drain Current
25
VDS= 160V,VGS=0V
250
VDS = 160V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
170
VGS = 12V, ID = 26A
Qgs
Gate-to-Source Charge
30
nC
VDS = 100V
Qgd
Gate-to-Drain (‘Miller’) Charge
60
td(on)
Turn-On Delay Time
33
VDD = 100V, ID = 26A,
tr
Rise Time
140
VGS = 12V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
140
tf
Fall Time
140
LS + LD
Total Inductance
6.8
Ciss
Input Capacitance
4700
VGS = 0V, VDS = 25V
Coss
Output Capacitance
850
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
210
nA
„
nH
ns
µA
Note: Corresponding Spice and Saber models are available on International Rectifier website.
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
0.83
RthCS
Case-to-sink
— 0.21
RthJA
Junction-to-Ambient
48
Typical socket mount
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
26
ISM
Pulse Source Current (Body Diode)
À
104
VSD Diode Forward Voltage
1.4
V
Tj = 25°C, IS = 26A, VGS = 0V Ã
trr
Reverse Recovery Time
820
nS
Tj = 25°C, IF = 26A, di/dt ≤100A/µs
QRR Reverse Recovery Charge
12
µC
VDD ≤ 25V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)


Similar Part No. - IRHMJ7250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMJ7250 IRF-IRHMJ7250 Datasheet
335Kb / 12P
   Simple Drive Requirements
IRHMJ7250 IRF-IRHMJ7250_15 Datasheet
335Kb / 12P
   Simple Drive Requirements
More results

Similar Description - IRHMJ7250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMJ57260SE IRF-IRHMJ57260SE Datasheet
168Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (TO-254AA Tabless)
IRHMJ57160 IRF-IRHMJ57160 Datasheet
160Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (TO-254AA Tabless)
IRHMB57Z60 IRF-IRHMB57Z60 Datasheet
172Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Tabless - Low-Ohmic TO-254AA)
IRHMB57064 IRF-IRHMB57064 Datasheet
177Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Tabless - Low-Ohmic TO-254AA)
IRHMK57260SE IRF-IRHMK57260SE Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (Low-Ohmic TO-254AA)
IRHMK597160 IRF-IRHMK597160 Datasheet
170Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (Low-Ohmic TO-254AA)
IRHM7450 IRF-IRHM7450_06 Datasheet
303Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7392 IRF-JANSR2N7392 Datasheet
274Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com