Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9172 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9172
Description  Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9172 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9172 Datasheet HTML 1Page - Maxim Integrated Products MAX9172 Datasheet HTML 2Page - Maxim Integrated Products MAX9172 Datasheet HTML 3Page - Maxim Integrated Products MAX9172 Datasheet HTML 4Page - Maxim Integrated Products MAX9172 Datasheet HTML 5Page - Maxim Integrated Products MAX9172 Datasheet HTML 6Page - Maxim Integrated Products MAX9172 Datasheet HTML 7Page - Maxim Integrated Products MAX9172 Datasheet HTML 8Page - Maxim Integrated Products MAX9172 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual LVDS Line Receivers with
“In-Path” Fail-Safe
_______________________________________________________________________________________
5
DIFFERENTIAL PULSE SKEW
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
30
60
90
120
0
3.0
3.6
DIFFERENTIAL PULSE SKEW
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
40
80
120
160
200
0
-40
85
DIFFERENTIAL PROPAGATION DELAY
vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mV)
2100
1600
1100
600
1.5
2.0
2.5
3.0
1.0
100
2600
fIN = 20MHz
tPHLD
tPLHD
DIFFERENTIAL PROPAGATION DELAY
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
2.6
2.1
1.6
1.1
0.6
1.3
1.6
1.9
2.2
2.5
1.0
0.1
3.1
fIN = 20MHz
tPHLD
tPLHD
TRANSITION TIME vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
400
500
600
700
300
-40
85
tTLH
tTHL
DIFFERENTIAL PROPAGATION DELAY
vs. LOAD
LOAD (pF)
40
30
20
1.6
1.8
2.0
2.2
2.4
1.4
10
50
fIN = 20MHz
tPHLD
tPLHD
TRANSITION TIME vs. LOAD
LOAD (pF)
40
30
20
500
900
1300
1700
2100
100
10
50
tTLH
tTHL
DIFFERENTIAL PULSE SKEW
vs. INPUT TRANSITION TIME
INPUT TRANSITION TIME (ns)
2.5
2.0
1.5
50
100
150
200
250
300
0
1.0
3.0
Typical Operating Characteristics (continued)
(VCC = 3.3V, VCM = 1.2V, |VID| = 0.2V, fIN = 200MHz, CL = 15pF, TA = +25°C, unless otherwise specified.)


Similar Part No. - MAX9172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9172EKA-T MAXIM-MAX9172EKA-T Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
MAX9172ESA MAXIM-MAX9172ESA Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
MAX9172ETA MAXIM-MAX9172ETA Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
More results

Similar Description - MAX9172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
MAX9173 MAXIM-MAX9173 Datasheet
277Kb / 14P
   Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Rev 0; 10/02
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Micrel Semiconductor
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com