Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMS63264 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHMS63264
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS63264 Datasheet(HTML) 3 Page - International Rectifier

  IRHMS63264 Datasheet HTML 1Page - International Rectifier IRHMS63264 Datasheet HTML 2Page - International Rectifier IRHMS63264 Datasheet HTML 3Page - International Rectifier IRHMS63264 Datasheet HTML 4Page - International Rectifier IRHMS63264 Datasheet HTML 5Page - International Rectifier IRHMS63264 Datasheet HTML 6Page - International Rectifier IRHMS63264 Datasheet HTML 7Page - International Rectifier IRHMS63264 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
IRHMS67264
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
Part numbers IRHMS67264 and IRHMS63264
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
Parameter
Up to 300K Rads (Si)
Units
Test Conditions ˆ
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
250
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS= 200V, VGS= 0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
0.041
VGS = 12V, ID = 28.5A
RDS(on)
Static Drain-to-Sourcee On-State
„
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 45A
Resistance (Low Ohmic TO-254AA)
0.041
VGS = 12V, ID = 28.5A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Tables.
0
50
100
150
200
250
300
-20
-15
-10
-5
0
VGS
Ag
Xe
Au
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
(MeV/(mg/cm2))
(MeV)
(µm)
@VGS =
@VGS =
@VGS =
@VGS =
@VGS =
@VGS =
0V
-5V
-10V
-15V
-17V
-20V
Ag
43
1217
112
250
250
250
250
100
50
Xe
59
823
66
250
250
250
50
-
-
Au
90
1480
80
75
75
-
-
-
-
VDS (V)


Similar Part No. - IRHMS63264

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS63260 IRF-IRHMS63260 Datasheet
149Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results

Similar Description - IRHMS63264

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS593260 IRF-IRHMS593260 Datasheet
214Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMB57260SE IRF-IRHMB57260SE Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597Z60 IRF-IRHMS597Z60 Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67160 IRF-IRHMS67160 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS57064 IRF-IRHMS57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597064 IRF-IRHMS597064 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67164 IRF-IRHMS67164 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
JANSR2N7476T1 IRF-JANSR2N7476T1 Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS597160 IRF-IRHMS597160 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
IRHMS67260 IRF-IRHMS67260 Datasheet
149Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com