Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2506 Datasheet(PDF) 6 Page - Won-Top Electronics

Part # MT2506
Description  25, 35A GLASS PASSIVATED THREE-PHASE BRIDGE RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MT2506 Datasheet(HTML) 6 Page - Won-Top Electronics

  MT2506 Datasheet HTML 1Page - Won-Top Electronics MT2506 Datasheet HTML 2Page - Won-Top Electronics MT2506 Datasheet HTML 3Page - Won-Top Electronics MT2506 Datasheet HTML 4Page - Won-Top Electronics MT2506 Datasheet HTML 5Page - Won-Top Electronics MT2506 Datasheet HTML 6Page - Won-Top Electronics MT2506 Datasheet HTML 7Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MT25, 35 SERIES
6 of 7
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
195 x 195 x 40
50
405 x 205 x 240
500
12.0
WTE —
WTE
= Manufacturer’s Logo
MTxxyy
= Device Number
xx
= 25 or 35
yy
= 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16
Polarity
= As Marked on Body
+
MTxxyy
Note: 1. Paper box, white or brown color.
BULK


Similar Part No. - MT2506

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MT2506 WTE-MT2506 Datasheet
70Kb / 6P
   25, 35A THREE PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MT2506A YANGJIE-MT2506A Datasheet
97Kb / 2P
   Bridge Rectifier
logo
RFE international
MT2506A RFE-MT2506A Datasheet
2Mb / 3P
   Three Phase Bridge Rectifiers
12-16-2022
logo
List of Unclassifed Man...
MT2506W ETC2-MT2506W Datasheet
177Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
More results

Similar Description - MT2506

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MT25 WTE-MT25 Datasheet
70Kb / 6P
   25, 35A THREE PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
MTP35W NELLSEMI-MTP35W Datasheet
396Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 35A
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
MTP35A1 NELLSEMI-MTP35A1 Datasheet
709Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC35S WTE-GBPC35S Datasheet
73Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505GW TAITRON-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC35 NELLSEMI-GBPC35 Datasheet
215Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com