Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3508 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # MT3508
Description  25, 35A GLASS PASSIVATED THREE-PHASE BRIDGE RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MT3508 Datasheet(HTML) 3 Page - Won-Top Electronics

  MT3508 Datasheet HTML 1Page - Won-Top Electronics MT3508 Datasheet HTML 2Page - Won-Top Electronics MT3508 Datasheet HTML 3Page - Won-Top Electronics MT3508 Datasheet HTML 4Page - Won-Top Electronics MT3508 Datasheet HTML 5Page - Won-Top Electronics MT3508 Datasheet HTML 6Page - Won-Top Electronics MT3508 Datasheet HTML 7Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MT25, 35 SERIES
3 of 7
© 2006 Won-Top Electronics
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
60
80
100
120
140
160
0
5
10
15
20
25
30
120°
(Rect)
MT25 Series
Total Output Current (A)
1
10
100
1000
00.511.5
22.5
33.5
4
Instantaneous Forward Voltage (V)
MT25 Series
Per Junction
T = 15O°C
T = 25°C
J
J
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
10 K/W
7 K/W
5 K/
W
4 K
/W
3
K/W
2
K/W
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
15
20
25
120°
(Rect)
Total Output Current (A)
MT25 Series
T = 150°C
J
80
100
120
140
160
180
200
220
240
260
280
300
320
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
MT25 Series
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
80
120
160
200
240
280
320
360
400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
MT25 Series
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J


Similar Part No. - MT3508

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MT3508 WTE-MT3508 Datasheet
70Kb / 6P
   25, 35A THREE PHASE BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
MT3508 MIC-MT3508 Datasheet
95Kb / 2P
   THREE-PHASE BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
MT3508 WINNERJOIN-MT3508 Datasheet
139Kb / 2P
   THREE - PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MT3508 ETC2-MT3508 Datasheet
206Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
MT3508A ETC2-MT3508A Datasheet
217Kb / 3P
   Glass Passivated Three Phase Bridge Rectifiers
More results

Similar Description - MT3508

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MT25 WTE-MT25 Datasheet
70Kb / 6P
   25, 35A THREE PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
MTP35W NELLSEMI-MTP35W Datasheet
396Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 35A
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
MTP35A1 NELLSEMI-MTP35A1 Datasheet
709Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC35S WTE-GBPC35S Datasheet
73Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505GW TAITRON-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC35 NELLSEMI-GBPC35 Datasheet
215Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com