Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9588AUA+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9588AUA+T
Description  Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9588AUA+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9588AUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX9588AUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9588AUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9588AUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9588AUA+T Datasheet HTML 9Page - Maxim Integrated Products MAX9588AUA+T Datasheet HTML 10Page - Maxim Integrated Products MAX9588AUA+T Datasheet HTML 11Page - Maxim Integrated Products MAX9588AUA+T Datasheet HTML 12Page - Maxim Integrated Products MAX9588AUA+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Single, Dual, Triple, and Quad Standard-Definition
Video Filter Amplifiers with AC-Coupled Input Buffers
_______________________________________________________________________________________
9
Detailed Description
The MAX9586–MAX9589 filter and amplify the video
DAC output in applications such as set-top boxes and
televisions. These devices consist of input clamps,
input bias circuits, lowpass filters, and gain of 2V/V out-
put amplifiers capable of driving a standard 150Ω
video load to ground.
Inputs
The input stages of the MAX9586–MAX9589 are either
sync-tip clamps or bias circuits. Sync-tip clamps accept
AC-coupled CVBS or luma video signals with sync puls-
es. The sync-tip voltage is internally set to 300mV. Bias
circuit inputs accept AC-coupled chroma, a subcarrier
modulated with the color information. The bias voltage
of the bias circuits is approximately 500mV.
Video Filter
The filter passband (±1dB) is typically 7MHz, which
makes the device suitable for standard-definition video
signals from all sources (e.g., broadcast and DVD).
Broadcast video signals are channel limited: NTSC sig-
nals have 4.2MHz bandwidth and PAL signals have
5MHz bandwidth. Video signals from a DVD player,
however, are not channel limited, so the bandwidth of
DVD video signals can approach the Nyquist limit of
6.75MHz. (Recommendation ITU-R BT.601-5 specifies
13.5MHz as the sampling rate for standard-definition
video). Therefore, the maximum bandwidth of the signal
is 6.75MHz. To ease the filtering requirements, most
modern video systems oversample by two times, clock-
ing the video current DAC at 27MHz.
Outputs
The video output amplifiers can both source and sink
load current, allowing output loads to be DC- or AC-
coupled. The amplifier output stage needs approxi-
mately 300mV of headroom from either supply rail. The
devices have an internal level-shift circuit that positions
the sync tip at approximately 300mV at the output.
If the supply voltage is greater than 3.135V (5% below
a 3.3V supply), each amplifier can drive two DC-cou-
pled video loads to ground. If the supply is less than
3.135V, each amplifier can drive only one DC-coupled
or AC-coupled video load.
Shutdown (MAX9586)
The MAX9586 draws less than 1µA supply current
when SHDN is low. In shutdown mode, the amplifier
output becomes high impedance.
Applications Information
AC-Coupling the Outputs
The outputs can be AC-coupled since the output stage
can source and sink current as shown in Figure 1.
Coupling capacitors should be 220µF or greater to
keep the highpass filter, formed by the 150Ω equivalent
resistance of the video transmission line, to a corner
frequency of 4.8Hz or below. The frame rate of PAL
systems is 25Hz, and the frame rate of NTSC systems
is 30Hz. The corner frequency should be well below the
frame rate.
Power-Supply Bypassing and Ground
The MAX9586–MAX9589 operate from a single-supply
voltage down to 2.7V, allowing for low-power operation.
Bypass VDD to GND with a 0.1µF capacitor. Place all
external components as close as possible to the device.


Similar Part No. - MAX9588AUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9588AUA+T MAXIM-MAX9588AUA+T Datasheet
428Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
More results

Similar Description - MAX9588AUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
   Triple, Standard Definition Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
   Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com