Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9724AEBC+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9724AEBC+T
Description  60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9724AEBC+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9724AEBC+T Datasheet HTML 5Page - Maxim Integrated Products MAX9724AEBC+T Datasheet HTML 6Page - Maxim Integrated Products MAX9724AEBC+T Datasheet HTML 7Page - Maxim Integrated Products MAX9724AEBC+T Datasheet HTML 8Page - Maxim Integrated Products MAX9724AEBC+T Datasheet HTML 9Page - Maxim Integrated Products MAX9724AEBC+T Datasheet HTML 10Page - Maxim Integrated Products MAX9724AEBC+T Datasheet HTML 11Page - Maxim Integrated Products MAX9724AEBC+T Datasheet HTML 12Page - Maxim Integrated Products MAX9724AEBC+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
60mW, DirectDrive, Stereo Headphone Amplifier
with Low RF Susceptibility and Shutdown
_______________________________________________________________________________________
9
where TJ(MAX) is +150°C, TA is the ambient tempera-
ture, and
θJA is the reciprocal of the derating factor in
°C/W as specified in the Absolute Maximum Ratings
section. For example,
θJA of the thin QFN package is
+68°C/W, and 154.2°C/W for the UCSP package.
The MAX9724A/MAX9724B have two power dissipation
sources; a charge pump and the two output amplifiers.
If power dissipation for a given application exceeds the
maximum allowed for a particular package, reduce
VDD, increase load impedance, decrease the ambient
temperature, or add heatsinking to the device. Large
output, supply, and ground traces decrease
θJA, allow-
ing more heat to be transferred from the package to the
surrounding air.
Thermal-overload protection limits total power dissipa-
tion in the MAX9724A/MAX9724B. When the junction
temperature exceeds +150°C, the thermal protection
circuitry disables the amplifier output stage. The ampli-
fiers are enabled once the junction temperature cools
by approximately 12°C. This results in a pulsing output
under continuous thermal-overload conditions.
Output Dynamic Range
Dynamic range is the difference between the noise floor
of the system and the output level at 1% THD+N.
Determine the system’s dynamic range before setting the
maximum output gain. Output clipping occurs if the out-
put signal is greater than the dynamic range of the sys-
tem. The DirectDrive architecture of the MAX9724A/
MAX9724B has increased the dynamic range compared
to other single-supply amplifiers.
Maximum Output Swing
VDD < 4.35V
If the output load impedance is greater than 1k
Ω, the
MAX9724A/MAX9724B can swing within a few millivolts
of their supply rail. For example, with a 3.3V supply, the
output swing is 2VRMS, or 2.83V peak while maintaining
a low 0.003% THD+N. If the supply voltage drops to
3V, the same 2.83V peak has only 0.05% THD+N.
VDD > 4.35V
Internal device structures limit the maximum voltage
swing of the MAX9724A/MAX9724B when operated at
supply voltages greater than 4.35V. The output must not
be driven such that the peak output voltage exceeds the
opposite supply voltage by 9V. For example, if VDD =
5V, the charge pump sets PVSS = -5V. Therefore, the
peak output swing must be less than ±4V to prevent
exceeding the absolute maximum ratings.
UVLO
The MAX9724A/MAX9724B feature an undervoltage
lockout (UVLO) function that prevents the device from
operating if the supply voltage is less than 2.7V. This fea-
ture ensures proper operation during brownout condi-
tions and prevents deep battery discharge. Once the
supply voltage exceeds the UVLO threshold, the
MAX9724A/MAX9724B charge pump is turned on and
the amplifiers are powered, provided that SHDN is high.
Component Selection
Input-Coupling Capacitor
The input capacitor (CIN), in conjunction with the input
resistor (RIN), forms a highpass filter that removes the
DC bias from an incoming signal (see the Functional
Diagram/Typical Operating Circuits). The AC-coupling
capacitor allows the device to bias the signal to an opti-
mum DC level. Assuming zero-source impedance, the -
3dB point of the highpass filter is given by:
Choose the CIN such that f-3dB is well below the lowest
frequency of interest. Setting f-3dB too high affects the
device’s low-frequency response. Use capacitors
whose dielectrics have low-voltage coefficients, such
as tantalum or aluminum electrolytic. Capacitors with
high-voltage coefficients, such as ceramics, can result
in increased distortion at low frequencies.
Charge-Pump Capacitor Selection
Use ceramic capacitors with a low ESR for optimum
performance. For optimal performance over the extend-
ed temperature range, select capacitors with an X7R
dielectric. Table 2 lists suggested manufacturers.
f
RC
dB
IN IN
=
3
1
2
π
SUPPLIER
PHONE
FAX
WEBSITE
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Murata
770-436-1300
770-436-3030
www.murata.com
Table 2. Suggested Capacitor Manufacturers


Similar Part No. - MAX9724AEBC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724AEBC+T MAXIM-MAX9724AEBC+T Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724AEBC+TG45 MAXIM-MAX9724AEBC+TG45 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
More results

Similar Description - MAX9724AEBC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com