Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P600K Datasheet(PDF) 4 Page - Won-Top Electronics

Part # P600K
Description  6.0A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P600K Datasheet(HTML) 4 Page - Won-Top Electronics

  P600K Datasheet HTML 1Page - Won-Top Electronics P600K Datasheet HTML 2Page - Won-Top Electronics P600K Datasheet HTML 3Page - Won-Top Electronics P600K Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P600A – P600M
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
P600A-T3
P-600
800/Tape & Reel
P600A
P-600
250 Units/Box
P600B-T3
P-600
800/Tape & Reel
P600B
P-600
250 Units/Box
P600D-T3
P-600
800/Tape & Reel
P600D
P-600
250 Units/Box
P600G-T3
P-600
800/Tape & Reel
P600G
P-600
250 Units/Box
P600J-T3
P-600
800/Tape & Reel
P600J
P-600
250 Units/Box
P600K-T3
P-600
800/Tape & Reel
P600K
P-600
250 Units/Box
P600M-T3
P-600
800/Tape & Reel
P600M
P-600
250 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, P600A-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - P600K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600K PANJIT-P600K Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
SUNMATE electronic Co.,...
P600K SUNMATE-P600K Datasheet
87Kb / 2P
   6.0A Axial Leaded Rectifier
logo
Taiwan Semiconductor Co...
P600K TSC-P600K Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
Gulf Semiconductor
P600K GULFSEMI-P600K Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
logo
Transys Electronics
P600K TRSYS-P600K Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - P600K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P600S WTE-P600S Datasheet
58Kb / 4P
   6.0A STANDARD DIODE
MR750 WTE-MR750 Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
Zibo Seno Electronic En...
6A05 ZSELEC-6A05 Datasheet
116Kb / 2P
   6.0A STANDARD DIODE
logo
TAITRON Components Inco...
T6A05 TAITRON-T6A05 Datasheet
213Kb / 6P
   6.0A Standard Rectifier
logo
Zibo Seno Electronic En...
PR6001 ZSELEC-PR6001 Datasheet
132Kb / 2P
   6.0A FAST RECOVERY DIODE
FR601 ZSELEC-FR601 Datasheet
98Kb / 2P
   6.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
FR601 WTE-FR601_06 Datasheet
61Kb / 4P
   6.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR601G ZSELEC-FR601G Datasheet
87Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG600R ZSELEC-PG600R Datasheet
132Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR6001G ZSELEC-PR6001G Datasheet
133Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com