Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4000 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 6Page - NXP Semiconductors SC4000 Datasheet HTML 7Page - NXP Semiconductors SC4000 Datasheet HTML 8Page - NXP Semiconductors SC4000 Datasheet HTML 9Page - NXP Semiconductors SC4000 Datasheet HTML 10Page - NXP Semiconductors SC4000 Datasheet HTML 11Page - NXP Semiconductors SC4000 Datasheet HTML 12Page - NXP Semiconductors SC4000 Datasheet HTML 13Page - NXP Semiconductors SC4000 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
2000 Sep 07
10
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
PIN DESCRIPTION
Pin Name
Input/Output
Pin Number
Pin Description
D_[7:0]
I/O
44,43,42,40,
39,38,36,35
(TTL Bi-directional) Microprocessor Data Bus. These bi-directional, tri-state lines allow the microprocessor to
access SC4000 internal registers as well as the source/destination routing memory and parallel access registers.
A_[8:0]
I
34,32,31,30,
28,27,26,25,24
(TTL Input) Microprocessor Address Bus. These inputs select the internal registers used by a read or write opera-
tion. Normally these inputs are connected to Microprocessor address lines A[8:0].
ALE
I
22
(TTL Input) Address Latch Enable. This input pin is tied to high in non-multiplexed mode. Otherwise, in multi-
plexed mode, the Microprocessor Address Bus is latched internally on the falling edge of this signal.
CS_1_N
I
17
(TTL Input) Chip Select 1. Reserved for future internal HDLC controller. If unused, this pin should be connected to
high.
CS_0_N
I
16
(TTL Input) Chip Select 0. This active low signal selects the SC4000
for a microprocessor read or write operation.
I_N
or
M
I
12
(TTL Input) Microprocessor Bus Interface Mode Select.
When this input is low, Intel Bus Mode (I_N) is selected.
When this input is high, Motorola Bus (M) Mode is selected.
RD_N
or
STRB_N
I
19
(TTL Input) In Intel Bus Mode (RD_N), this active low input operates with CS_0_N to configure the data bus lines
D_[7:0] as output. In Motorola Bus Mode (STRB_N), this active low input operates with CS_0_N to enable a read
or write operation.
WR_N
or
R/W_N
I
20
(TTL Input) In Intel Bus Mode (WR_N), when CS_0_N is active, the rising edge of WR_N is used to latch an inter-
nal data register with data provided via the data bus lines D_[7:0]. In Motorola Bus Mode (R/W_N), this R/W_N
input is used to distinguish between read or write during a microprocessor access.
DACK_N
I
21
(TTL Input, Pull up) DMA Acknowledge Reserved for future internal HDLC controller. If unused, this pin should be
left unconnected
RESET
I
96
(TTL Input) Reset. This active high signal initializes the microprocessor interface, configuration, routing and paral-
lel access registers.
X_IN
I
2
(CMOS Input) Crystal Clock Input. This pin is a CMOS level input of either 2.048, 4.096, 8.192, 16.384, 32.768 or
65.536 MHz. A crystal of 16.384 MHz from X_IN to X_OUT may also be used.
X_OUT
O
1
(CMOS Output) Crystal Clock Output.
REF_8K_3
or
REF_8K_OUT
I
O
7
(TTL Bi-Directional) Internal Master PLL (REF_8K_3). If configuration register bit C_43=0, this pin is a Local 8
KHz Reference 3 Input.
External Master PLL (REF_8K_OUT). If configuration register bit C_43=1, this pin is an 8 KHz Reference Output.
REF_8K_2
or
CLK_IN
I
6
(TTL Input) Internal Master PLL (REF_8K_2). If configuration register bit C_43=0, this pin is a Local 8 KHz Refer-
ence 2 Input.
External Master PLL (CLK_IN). If configuration register bit C_43=1, this is a clock input from external master PLL.
REF_8K_1
I
5
(TTL Input) Local 8 KHz Reference 1 Input.
REF_8K_0
I
4
(TTL Input) Local 8 KHz Reference 0 Input.
SI_[3:0]
I
95,94,92,91
(TTL Input, Pull Up) Local Bus Serial Input Data Streams. This pin can be programmed to 2.048, 4.096 or 8.192
Mb/s data rates.
TXD_0
I
9
(TTL Input, Pull Up) Message Channel Transmit Data. This pin is for the SCbus Message channel transmit data
input line.
TEST
I
98
(TTL Input) NAND Gate Test Mode Enable. When in test mode (TEST=1) each pin except VDD/VSS/X_OUT is
nanded with the preceding pin and output at both DRQ_R and DRQ_T pins.
INT_1
I/O
15
(TTL Bi-directional) Interrupt Request 1. Reserved for future internal HDLC controller. If unused, this pin should be
left unconnected.
INT_0
I/O
14
(TTL Bi-directional) Interrupt Request 0. This pin will be asserted (controlled by C_[55:53]) if either SCbus Error,
SCbus CLKFAIL, Frame Boundary or Internal Master PLL Error and INT_0 unmasked (C_53 = 1).


Similar Part No. - SC4000

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC4001 FUMAN-SC4001 Datasheet
200Kb / 5P
   PWM step-down constant current controller
logo
List of Unclassifed Man...
SC4002A ETC-SC4002A Datasheet
99Kb / 1P
   LCD MODULES SC4002A ( 40 CHARACTERS x 2 LINES )
logo
Cynergy3 Co
SC4002ALM-6 CYNERGY3-SC4002ALM-6 Datasheet
85Kb / 1P
   Universal Input Dual Setpoint Trip Amplifier
logo
DB Unlimited.
SC400308-1 DBUNLIMITED-SC400308-1 Datasheet
590Kb / 1P
   Released from Engineering
SC400408-1 DBUNLIMITED-SC400408-1 Datasheet
691Kb / 1P
   Released from Engineering
More results

Similar Description - SC4000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC2000 PHILIPS-SC2000 Datasheet
221Kb / 44P
   Universal Timeslot Interchange
2000 Sep 07
logo
Motorola, Inc
MC145601 MOTOROLA-MC145601 Datasheet
45Kb / 1P
   Time Slot interchange circuit
logo
Integrated Device Techn...
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Vitesse Semiconductor C...
VSC9182 VITESSE-VSC9182 Datasheet
110Kb / 2P
   VSC9182 - 40G STS-1 Time Slot Interchange
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com