Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9963AKCCQ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9963AKCCQ
Description  Quad, Low-Power, 500Mbps ATE Driver/Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9963AKCCQ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9963AKCCQ Datasheet HTML 1Page - Maxim Integrated Products MAX9963AKCCQ Datasheet HTML 2Page - Maxim Integrated Products MAX9963AKCCQ Datasheet HTML 3Page - Maxim Integrated Products MAX9963AKCCQ Datasheet HTML 4Page - Maxim Integrated Products MAX9963AKCCQ Datasheet HTML 5Page - Maxim Integrated Products MAX9963AKCCQ Datasheet HTML 6Page - Maxim Integrated Products MAX9963AKCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9963AKCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9963AKCCQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Quad, Low-Power, 500Mbps
ATE Driver/Comparator
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (Note 14) (ZL_ = 50
Ω )
Prop Delay, Data to Output
tPDD
2ns
Prop Delay Match, tLH vs. tHL
3VP-P
±50
ps
Prop Delay Match, Drivers Within
Package
(Note 15)
40
ps
Prop Delay Temperature
Coefficient
+3
ps/°C
Prop Delay Change vs. Pulse
Width
3VP-P, 40MHz, 2.5ns to 22.5ns pulse width,
relative to 12.5ns pulse width
±60
ps
Prop Delay Change vs. Common-
Mode Voltage
VDHV_ - VDLV_ = 1V, VDHV_ = 0 to 6V
85
ps
Prop Delay, Drive to High-Z
tPDDZ
VDHV_ = 1.0V, VDLV_ = -1.0V, VDTV_ = 0
2.9
ns
Prop Delay, High-Z to Drive
tPDZD
VDHV_ = 1.0V, VDLV_ = -1.0V, VDTV_ = 0
2.9
ns
Prop Delay, Drive to Term
tPDDT
VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V
2.2
ns
Prop Delay, Term to Drive
tPDTD
VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V
1.8
ns
DYNAMIC PERFORMANCE (ZL = 50
Ω)
0.2VP-P, 20% to 80%
330
1VP-P, 10% to 90%
670
ps
3VP-P, 10% to 90%
1.1
1.3
1.6
Rise and Fall Time
tR, tF
5VP-P, 10% to 90%
2.0
ns
SC1 = 0, SC0 = 1 Slew Rate
Percent of full speed (SC0 = SC1 = 0),
3VP-P, 20% to 80%
75
%
SC1 = 1, SC0 = 0 Slew Rate
Percent of full speed (SC0 = SC1 = 0),
3VP-P, 20% to 80%
50
%
SC1 = 1, SC0 = 1 Slew Rate
Percent of full speed (SC0 = SC1 = 0),
3VP-P, 20% to 80%
25
%
0.2VP-P
650
ps
1VP-P
1.0
3VP-P
2.0
Minimum Pulse Width (Note 16)
5VP-P
2.9
ns
0.2VP-P
1700
1VP-P
1000
3VP-P
500
Data Rate (Note 17)
5VP-P
350
Mbps
Dynamic Crosstalk
(Note 18)
20
mVP-P
Rise and Fall Time, Drive to Term
tDTR, tDTF
VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V, 10%
to 90% (Note 19)
1.6
ns
Rise and Fall Time, Term to Drive
tTDR, tTDF
VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V, 10%
to 90% (Note 19)
0.7
ns
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -5.25V, VCCO_ _ = 2.5V, SC1 = SC0 = 0, VCPHV_ = 7.2V, VCPLV_ = -2.2V, TJ = +85°C, unless otherwise noted. All tem-
perature coefficients are measured at TJ = +70°C to +100°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX9963AKCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
   Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results

Similar Description - MAX9963AKCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
   LOW POWER QUAD COMPARATOR
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
   LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
   Low Power Quad Comparator
logo
Maxim Integrated Produc...
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com