Electronic Components Datasheet Search |
|
T409E105J020AK4250 Datasheet(PDF) 3 Page - Kemet Corporation |
|
T409E105J020AK4250 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 10 page T409 (CWR09) Ratings & Part Number Reference Capaci- tance μF Case Size KEMET Part Number Mil-C-55365/4F Part Number DC Leakage μA @ 25ºC Max DF % @ +25ºC 120 Hz Max ESR Ω Ω @ +25°C 100 kHz Max 4 Volt Rating at +85°C (2.7 Volt Rating at +125°C) 2.2 A T409A225(1)004(2)(3)(4) CWR09C(3)225(1)(2)(5) 1.0 6.0 8.0 4.7 B T409B475(1)004(2)(3)(4) CWR09C(3)475(1)(2)(5) 1.0 6.0 8.0 6.8 C T409C685(1)004(2)(3)(4) CWR09C(3)685(1)(2)(5) 1.0 6.0 5.5 10.0 D T409D106(1)004(2)(3)(4) CWR09C(3)106(1)(2)(5) 1.0 8.0 4.0 15.0 E T409E156(1)004(2)(3)(4) CWR09C(3)156(1)(2)(5) 1.0 8.0 3.5 33.0 F T409F336(1)004(2)(3)(4) CWR09C(3)336(1)(2)(5) 2.0 8.0 2.2 68.0 G T409G686(1)004(2)(3)(4) CWR09C(3)686(1)(2)(5) 3.0 10.0 1.1 100.0 H T409H107(1)004(2)(3)(4) CWR09C(3)107(1)(2)(5) 4.0 10.0 0.9 6 Volt Rating at +85°C (4 Volt Rating at +125°C) 1.5 A T409A155(1)006(2)(3)(4) CWR09D(3)155(1)(2)(5) 1.0 6.0 8.0 3.3 B T409B335(1)006(2)(3)(4) CWR09D(3)335(1)(2)(5) 1.0 6.0 8.0 4.7 C T409C475(1)006(2)(3)(4) CWR09D(3)475(1)(2)(5) 1.0 6.0 5.5 6.8 D T409D685(1)006(2)(3)(4) CWR09D(3)685(1)(2)(5) 1.0 6.0 4.5 10.0 E T409E106(1)006(2)(3)(4) CWR09D(3)106(1)(2)(5) 1.0 8.0 3.5 22.0 F T409F226(1)006(2)(3)(4) CWR09D(3)226(1)(2)(5) 2.0 8.0 2.2 47.0 G T409G476(1)006(2)(3)(4) CWR09D(3)476(1)(2)(5) 3.0 10.0 1.1 68.0 H T409H686(1)006(2)(3)(4) CWR09D(3)686(1)(2)(5) 4.0 10.0 0.9 10 Volt Rating at +85°C (7 Volt Rating at +125°C) 1.0 A T409A105(1)010(2)(3)(4) CWR09F(3)105(1)(2)(5) 1.0 6.0 10.0 2.2 B T409B225(1)010(2)(3)(4) CWR09F(3)225(1)(2)(5) 1.0 6.0 8.0 3.3 C T409C335(1)010(2)(3)(4) CWR09F(3)335(1)(2)(5) 1.0 6.0 5.5 4.7 D T409D475(1)010(2)(3)(4) CWR09F(3)475(1)(2)(5) 1.0 6.0 4.5 6.8 E T409E685(1)010(2)(3)(4) CWR09F(3)685(1)(2)(5) 1.0 6.0 3.5 15.0 F T409F156(1)010(2)(3)(4) CWR09F(3)156(1)(2)(5) 2.0 8.0 2.5 33.0 G T409G336(1)010(2)(3)(4) CWR09F(3)336(1)(2)(5) 3.0 10.0 1.1 47.0 H T409H476(1)010(2)(3)(4) CWR09F(3)476(1)(2)(5) 5.0 10.0 0.9 15 Volt Rating at +85°C (10 Volt Rating at +125°C) 0.68 A T409A684(1)015(2)(3)(4) CWR09H(3)684(1)(2)(5) 1.0 6.0 12.0 1.5 B T409B155(1)015(2)(3)(4) CWR09H(3)155(1)(2)(5) 1.0 6.0 8.0 2.2 C T409C225(1)015(2)(3)(4) CWR09H(3)225(1)(2)(5) 1.0 6.0 5.5 3.3 D T409D335(1)015(2)(3)(4) CWR09H(3)335(1)(2)(5) 1.0 6.0 5.0 4.7 E T409E475(1)015(2)(3)(4) CWR09H(3)475(1)(2)(5) 1.0 6.0 4.0 10.0 F T409F106(1)015(2)(3)(4) CWR09H(3)106(1)(2)(5) 2.0 6.0 2.5 22.0 G T409G226(1)015(2)(3)(4) CWR09H(3)226(1)(2)(5) 4.0 6.0 1.1 33.0 H T409H336(1)015(2)(3)(4) CWR09H(3)336(1)(2)(5) 5.0 8.0 0.9 20 Volt Rating at +85°C (13 Volt Rating at +125°C) 0.47 A T409A474(1)020(2)(3)(4) CWR09J(3)474(1)(2)(5) 1.0 8.0 14.0 0.68 B T409B684(1)020(2)(3)(4) CWR09J(3)684(1)(2)(5) 1.0 6.0 10.0 1.0 B T409B105(1)020(2)(3)(4) CWR09J(3)105(1)(2)(5) 1.0 6.0 12.0 1.5 C T409C155(1)020(2)(3)(4) CWR09J(3)155(1)(2)(5) 1.0 6.0 6.0 2.2 D T409D225(1)020(2)(3)(4) CWR09J(3)225(1)(2)(5) 1.0 6.0 5.0 3.3 E T409E335(1)020(2)(3)(4) CWR09J(3)335(1)(2)(5) 1.0 6.0 4.0 6.8 F T409F685(1)020(2)(3)(4) CWR09J(3)685(1)(2)(5) 2.0 6.0 2.4 15.0 G T409G156(1)020(2)(3)(4) CWR09J(3)156(1)(2)(5) 3.0 6.0 1.1 22.0 H T409H226(1)020(2)(3)(4) CWR09J(3)226(1)(2)(5) 4.0 6.0 0.9 25 Volt Rating at +85°C (17 Volt Rating at +125°C) 0.33 A T409A334(1)025(2)(3)(4) CWR09K(3)334(1)(2)(5) 1.0 6.0 15.0 0.68 B T409B684(1)025(2)(3)(4) CWR09K(3)684(1)(2)(5) 1.0 6.0 7.5 1.0 C T409C105(1)025(2)(3)(4) CWR09K(3)105(1)(2)(5) 1.0 6.0 6.5 1.5 D T409D155(1)025(2)(3)(4) CWR09K(3)155(1)(2)(5) 1.0 6.0 6.5 2.2 E T409E225(1)025(2)(3)(4) CWR09K(3)225(1)(2)(5) 1.0 6.0 3.5 4.7 F T409F475(1)025(2)(3)(4) CWR09K(3)475(1)(2)(5) 2.0 6.0 2.5 6.8 G T409G685(1)025(2)(3)(4) CWR09K(3)685(1)(2)(5) 2.0 6.0 1.2 10.0 G T409G106(1)025(2)(3)(4) CWR09K(3)106(1)(2)(5) 3.0 6.0 1.4 15.0 H T409H156(1)025(2)(3)(4) CWR09K(3)156(1)(2)(5) 4.0 6.0 1.0 35 Volt Rating at +85°C (23 Volt Rating at +125°C) 0.22 A T409A224(1)035(2)(3)(4) CWR09M(3)224(1)(2)(5) 1.0 6.0 18.0 0.47 B T409B474(1)035(2)(3)(4) CWR09M(3)474(1)(2)(5) 1.0 6.0 10.0 0.68 C T409C684(1)035(2)(3)(4) CWR09M(3)684(1)(2)(5) 1.0 6.0 8.0 1.0 D T409D105(1)035(2)(3)(4) CWR09M(3)105(1)(2)(5) 1.0 6.0 6.5 1.5 E T409E155(1)035(2)(3)(4) CWR09M(3)155(1)(2)(5) 1.0 6.0 4.5 3.3 F T409F335(1)035(2)(3)(4) CWR09M(3)335(1)(2)(5) 1.0 6.0 2.5 4.7 G T409G475(1)035(2)(3)(4) CWR09M(3)475(1)(2)(5) 2.0 6.0 1.5 6.8 H T409H685(1)035(2)(3)(4) CWR09M(3)685(1)(2)(5) 3.0 6.0 1.3 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com (1) To complete KEMET/CWR part number, insert K = ±10%; M = ±20% and J = ±5% Capacitance tolerance. (2) To complete KEMET/CWR part number, insert A = Non-ER; Weibull: B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs or D = 0.001%/1000 Hrs. or Exponential: M = 1.0%/1000 hrs., P = 0.1%/1000 hrs., R = 0.01%/1000 hrs. or S = 0.001%/1000 hrs. Reliability Level. (3) To complete KEMET part number, insert B = Gold plated; C = Hot solder dipped; H = Solder plated or K = Solder Fused Termination Finish. (4) To complete KEMET part number, insert 4250 = +25°C after Weibull; 4251 = -55° + 85°C after Weibull; or 4252 = -55, & +85°C before Weibull Surge Current Option. (5) To complete CWR part number, insert A = +25°C after Weibull; B = -55° + 85°C after Weibull; or C = -55, & +85°C before Weibull Surge Current Option. |
Similar Part No. - T409E105J020AK4250 |
|
Similar Description - T409E105J020AK4250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |