Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9963BGCCQ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9963BGCCQ
Description  Quad, Low-Power, 500Mbps ATE Driver/Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9963BGCCQ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9963BGCCQ Datasheet HTML 4Page - Maxim Integrated Products MAX9963BGCCQ Datasheet HTML 5Page - Maxim Integrated Products MAX9963BGCCQ Datasheet HTML 6Page - Maxim Integrated Products MAX9963BGCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9963BGCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9963BGCCQ Datasheet HTML 9Page - Maxim Integrated Products MAX9963BGCCQ Datasheet HTML 10Page - Maxim Integrated Products MAX9963BGCCQ Datasheet HTML 11Page - Maxim Integrated Products MAX9963BGCCQ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Quad, Low-Power, 500Mbps
ATE Driver/Comparator
8
_______________________________________________________________________________________
Note 1:
All MIN and MAX limits are 100% tested in production.
Note 2:
Total for quad device at worst-case setting. RL_
≥ 10MΩ. The applicable supply currents are measured with typical supply
voltages.
Note 3:
Does not include internal dissipation of the comparator outputs. With output loads of 50
Ω to (VVCCO_ _ - 2V), this adds
240mW (typ) to the total chip power (MAX996_ _HCCQ, MAX996_ _JCCQ).
Note 4:
Externally forced voltages may exceed this range provided that the absolute maximum ratings are not exceeded.
Note 5:
Transition time from LLEAK being asserted to leakage current dropping below specified limits.
Note 6:
Transition time from LLEAK being deasserted to output returning to normal operating mode.
Note 7:
Based on simulation results only.
Note 8:
With the exception of offset and gain/CMRR tests, reference input values are calibrated for offset and gain.
Note 9:
Relative to straight line between 0 and 3V.
Note 10: Full ranges are -1.3V
≤ VDHV_ ≤ 6.5V, -1.5V ≤ VDTV_ ≤ 6.5V, -1.5V ≤ VDLV_ ≤ 6.3V.
Note 11: Nominal target value is 50
Ω. Contact factory for alternate trim selections within the 45Ω to 51Ω range.
Note 12: VDTV_ = 1.5V, RS = 50
Ω. External signal driven into T-line is a 0 to 3V edge with 1.2ns rise time (10% to 90%).
Measurement is made using the comparator.
Note 13: Measured from the crossing point of DATA_ inputs to the settling of the driver output.
Note 14: Prop delays are measured from the crossing point of the differential input signals to the 50% point of expected output
swing. Rise time of the differential inputs DATA_ and RCV_ is 250ps (10% to 90%).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Gain
AV
0.96
1.00
V/V
Voltage-Gain Temperature
Coefficient
-100
ppm/
°C
IDUT = 1mA, VCPLV_ = -1.5V, VCPHV_ = -0.3
to 6.5V
±10
Clamp Linearity
IDUT = -1mA, VCPHV_ = 6.5V, VCPLV_ = -1.5
to 5.3V
±10
mV
VCPHV_ = 0, VCPLV_ = -1.5V,
VDUT_ = 6.0V
50
95
Short-Circuit Output Current
VCPLV_ = 5V, VCPHV_ = 6.5V,
VDUT_ = -1.0V
-95
-50
mA
VCPHV_ = 3V, VCPLV_ = 0,
IDUT = -5mA and -15mA
50
55
Clamp DC Impedance
VCPHV_ = 3V, VCPLV_ = 0,
IDUT = 5mA and 15mA
50
55
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -5.25V, VCCO_ _ = 2.5V, SC1 = SC0 = 0, VCPHV_ = 7.2V, VCPLV_ = -2.2V, TJ = +85°C, unless otherwise noted. All tem-
perature coefficients are measured at TJ = +70°C to +100°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX9963BGCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
   Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results

Similar Description - MAX9963BGCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
   LOW POWER QUAD COMPARATOR
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
   LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
   Low Power Quad Comparator
logo
Maxim Integrated Produc...
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com