Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68L198C1A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC68L198C1A
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68L198C1A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC68L198C1A Datasheet HTML 2Page - NXP Semiconductors SC68L198C1A Datasheet HTML 3Page - NXP Semiconductors SC68L198C1A Datasheet HTML 4Page - NXP Semiconductors SC68L198C1A Datasheet HTML 5Page - NXP Semiconductors SC68L198C1A Datasheet HTML 6Page - NXP Semiconductors SC68L198C1A Datasheet HTML 7Page - NXP Semiconductors SC68L198C1A Datasheet HTML 8Page - NXP Semiconductors SC68L198C1A Datasheet HTML 9Page - NXP Semiconductors SC68L198C1A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
341
Timing Circuits
The timing block consists of a crystal oscillator, a fixed baud rate
generator (BRG), a pair of programmable 16 bit register based
counters. A buffer for the System Clock generates internal timing for
processes not directly concerned with serial data flow.
Crystal Oscillator
The crystal oscillator operates directly from a crystal, tuned between
1.0 and 8.0 MHz, connected across the X1/CCLK and X2 inputs with
a minimum of external components. BRG values listed for the clock
select registers correspond to a 3.6864 MHz crystal frequency. Use
of a 7.3728 MHz crystal will double the Communication Clock
frequencies.
An external clock in the 100 KHz to 10 MHz frequency range may
be connected to X1/CCLK. If an external clock is used instead of a
crystal, X1/CCLK must be driven and X2 left floating. The X1 clock
serves as the basic timing reference for the baud rate generator
(BRG) and is available to the BRG timers . The X1 oscillator input
may be left unused if the internal BRG is not used and the X1 signal
is not selected for any counter input.
Sclk – System Clock
A clock frequency, within the limits specified in the electrical
specifications, must be supplied for the system clock Sclk. To
ensure the proper operation of internal controllers, the Sclk
frequency provided, must be strictly greater than twice the frequency
of X1 crystal clock, or any external 1x data clock input. The system
clock serves as the basic timing reference for the host interface and
other internal circuits.
Baud Rate Generator BRG
The baud rate generator operates from the oscillator or external
X1/CCLK clock input and is capable of generating 22 commonly
used data communications baud rates ranging from 50 to 230.4K
baud. These common rates may be doubled (up to 460.8 and 500K
baud) when faster clocks are used on the X1/X2 clock inputs. (See
Receiver and Transmitter Clock Select Register descriptions.) All of
these are available simultaneously for use by any receiver or
transmitter. The clock outputs from the BRG are at 16X the actual
baud rate.
BRG Counters (Used for random baud rate generation)
The two BRG Timers are programmable 16 bit dividers that are used
for generating miscellaneous clocks. These clocks may be used by
any or all of the receivers and transmitters in the Octart or output on
the general purpose output pin GPO.
Each timer unit has eight different clock sources available to it as
described in the BRG Timer Control Register. (BRGTCR). Note
that the timer run and stop controls are also contained in this
register. The BRG Timers generate a symmetrical square wave
whose half period is equal in time to the division of the selected
BRG Timer clock source by the number loaded to the BRG Timer
Reload Registers ( BRGTRU and BRGTRL). Thus, the output
frequency will be the clock source frequency divided by twice the
value loaded to the BRGTRU and BRGTRL registers. This is the
result of counting down once for the high portion of the output wave
and once for the low portion.
Whenever the these timers are selected via the receiver or
transmitter Clock Select register their output will be configured as a
16x clock for the respective receiver or transmitter. Therefore one
needs to program the timers to generate a clock 16 times faster than
the data rate. The formula for calculating ’n’, the number loaded to
the BRGTRU and BRGTRL registers, is shown below.
n
+
BRG Timer Input frequency
2
@ 16 @ desired baud rate
– 1
Note: ’n’ may assume values of 0 and 1. In previous Philips data
communications controllers these values were not allowed.
The BRG timer input frequency is controlled by the BRG Timer
control register (BRGTCR)
The frequency generated from the above formula will be at a rate 16
times faster than the desired baud rate. The transmitter and
receiver state machines include divide by 16 circuits which provide
the final frequency and provide various timing edges used in the
qualifying the serial data bit stream. Often this division will result in
a non–integer value; 26.3 for example. One may only program
integer numbers to a digital divider. There for 26 would be chosen.
If 26.7 was the result of the division then 27 would be chosen. This
gives a baud rate error of 0.3/26.3 or 0.3/26.7. which yields a
percentage error of 1.14% or 1.12% respectively; well within the
ability of the asynchronous mode of operation.
One should be cautious about the assumed benign effects of small
errors since the other receiver or transmitter with which one is
communicating may also have a small error in the precise baud rate.
In a ”clean” communications environment using one start bit, eight
data bits and one stop bit the total difference allowed between the
transmitter and receiver frequency is approximately 4.6%. Less
than eight data bits will increase this percentage.
Channel Blocks
There are eight channel blocks, each containing an I/O port control,
a data format control, and a single full duplex UART channel
consisting of a receiver and a transmitter with their associated 16
byte FIFOs. Each block has its own status register, interrupt status
and interrupt mask registers and their interface to the interrupt
arbitration system.
A highly programmable character recognition system is also
included in each block. This system is used for the Xon/Xoff flow
control and the multi-drop (”9 bit mode”) address character
recognition. It may also be used for general purpose character
recognition.
Four I/O pins are provided for each channel. These pins are
configured individually to be inputs or outputs. As inputs they may
be used to bring external data to the bus, as clocks for internal
functions or external control signals. Each I/O pin has a ”Change of
State” detector. The change detectors are used to signal a change
in the signal level at the pin (Either 0 to 1 or 1 to 0). The level
change on these pins must be stable for 25 to 50 Us (two edges of
the 38.4 KHz baud rate clock) before the detectors will signal a valid
change. These are typically used for interface signals from modems
to the OCTART and from there to the host. See the description of
the ”UART channel” under detailed descriptions below.
Character Recognition
Character recognition is specific to each of the eight UARTs. Three
programmable characters are provided for the character recognition
for each channel. The three are general purpose in nature and may
be set to only cause an interrupt or to initiate some rather complex
operations specific to ”Multi-drop” address recognition or in–band
Xon/Xoff flow control.
Character recognition is accomplished via CAM memory. The
Content Addressable Memory continually examines the incoming
data stream. Upon the recognition of a control character appropriate
bits are set in the Xon/Xoff Interrupt Status Register (XISR) and
Interrupt Status Register (ISR). The setting of these bit(s) will


Similar Part No. - SC68L198C1A

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6803 FUMAN-SC6803 Datasheet
494Kb / 14P
   LED driver IC
SC6803Q FUMAN-SC6803Q Datasheet
245Kb / 9P
   LED driver IC
logo
NXP Semiconductors
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C2550BIB48 NXP-SC68C2550BIB48 Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
More results

Similar Description - SC68L198C1A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
   Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
logo
Exar Corporation
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com