Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15012AASA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15012AASA+
Description  175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15012AASA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15012AASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX15012AASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX15012AASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX15012AASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX15012AASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX15012AASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX15012AASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX15012AASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX15012AASA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
175V/2A, High-Speed,
Half-Bridge MOSFET Drivers
_______________________________________________________________________________________
7
DH OR DL FALL PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
5
10
15
20
25
35
55
60
30
45
50
40
0
-40
125
DH
DL
VHS_MAX vs. VDD_MAX
VDD_MAX (V)
10.5
175
125
0
8
12.6
DELAY MATCHING (DH/DL RISING)
MAX15012/13 toc16
10ns/div
INPUT
5V/div
DH/DL
5V/div
CL = 0
DELAY MATCHING (DH/DL FALLING)
MAX15012/13 toc17
10ns/div
CL = 0
INPUT
5V/div
DH/DL
5V/div
DH/DL RESPONSE TO VDD GLITCH
MAX15012/13 toc18
40
µs/div
DH
10V/div
DL
10V/div
VDD
10V/div
INPUT
5V/div
Typical Operating Characteristics (continued)
(Typical values are at VDD = VBST = +12V and TA = +25°C, unless otherwise specified.)


Similar Part No. - MAX15012AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15012AASA MAXIM-MAX15012AASA Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
More results

Similar Description - MAX15012AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
   125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com