Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9964BHCCQ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9964BHCCQ
Description  Quad, Low-Power, 500Mbps ATE Driver/Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9964BHCCQ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9964BHCCQ Datasheet HTML 2Page - Maxim Integrated Products MAX9964BHCCQ Datasheet HTML 3Page - Maxim Integrated Products MAX9964BHCCQ Datasheet HTML 4Page - Maxim Integrated Products MAX9964BHCCQ Datasheet HTML 5Page - Maxim Integrated Products MAX9964BHCCQ Datasheet HTML 6Page - Maxim Integrated Products MAX9964BHCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9964BHCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9964BHCCQ Datasheet HTML 9Page - Maxim Integrated Products MAX9964BHCCQ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Quad, Low-Power, 500Mbps
ATE Driver/Comparator
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMPARATORS (Note 20)
DC CHARACTERISTICS
Input Voltage Range
VIN
(Note 4)
-1.5
+6.5
V
Differential Input Voltage
VDIFF
±8V
Hysteresis
VHYST
0mV
MAX996_A
±15
Input Offset Voltage
VOS
VDUT_ = 1.5V
MAX996_B
±100
mV
Input Offset Voltage Temperature
Coefficient
±50
µV/°C
VDUT_ = 0, 3V
47
78
VDUT_ = 0, 6.5V
54
78
Common-Mode Rejection Ratio
(Note 21)
CMRR
VDUT_ = -1.5V, 6.5V
44
61
dB
VDUT_ = 0 to 3V
±3
VDUT_ = 6.5V
±15
Linearity Error (Note 9)
VDUT_ = -1.5V
±25
mV
VCC Power-Supply Rejection
Ratio
PSRR
VDUT_ = -1.5V, 6.5V (Note 22)
57
82
dB
VDUT_ = 0, 6.5V
44
70
VEE Power-Supply Rejection
Ratio (Note 22)
PSRR
VDUT_ = -1.5V
33
45
dB
AC CHARACTERISTICS (Note 23)
MAX996_ _GCCQ
0.75
Minimum Pulse Width
tPW(min)
(Note 24)
MAX996_ _HCCQ,
MAX996_ _JCCQ
1.3
ns
Prop Delay
tPDL
2.2
ns
Prop Delay Temperature
Coefficient
+6
ps/°C
Prop Delay Match, High/Low vs.
Low/High
±25
ps
Prop Delay Match, Comparators
Within Package
(Note 15)
35
ps
VCHV_ = VCLV_= 0, 6.4V
±75
Prop Delay Dispersion vs.
Common-Mode Input (Note 25)
VCHV_ = VCLV_= -1.4V
±175
ps
Prop Delay Dispersion vs.
Overdrive
100mV to 2V
200
ps
MAX996_ _GCCQ
±35
Prop Delay Dispersion vs. Pulse
Width
2.5ns to 22.5ns pulse
width, relative to 12.5ns
pulse width
MAX996_ _HCCQ,
MAX996_ _JCCQ
±70
ps
Prop Delay Dispersion vs. Slew
Rate
0.5V/ns to 2V/ns slew rate
100
ps
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -5.25V, VCCO_ _ = 2.5V, SC1 = SC0 = 0, VCPHV_ = 7.2V, VCPLV_ = -2.2V, TJ = +85°C, unless otherwise noted. All tem-
perature coefficients are measured at TJ = +70°C to +100°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX9964BHCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
   Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results

Similar Description - MAX9964BHCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
   LOW POWER QUAD COMPARATOR
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
   LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
   Low Power Quad Comparator
logo
Maxim Integrated Produc...
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com