Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNJ597Z30 Datasheet(PDF) 7 Page - International Rectifier

Part # IRHNJ597Z30
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ597Z30 Datasheet(HTML) 7 Page - International Rectifier

  IRHNJ597Z30 Datasheet HTML 1Page - International Rectifier IRHNJ597Z30 Datasheet HTML 2Page - International Rectifier IRHNJ597Z30 Datasheet HTML 3Page - International Rectifier IRHNJ597Z30 Datasheet HTML 4Page - International Rectifier IRHNJ597Z30 Datasheet HTML 5Page - International Rectifier IRHNJ597Z30 Datasheet HTML 6Page - International Rectifier IRHNJ597Z30 Datasheet HTML 7Page - International Rectifier IRHNJ597Z30 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
Pre-Irradiation
IRHNJ597Z30
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
QG
QGS
QGD
VG
Charge
-12 V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-12V
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
tp
V(BR)DSS
IAS
VGS
VDD
+
-
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
-9.8A
-14A
BOTTOM -22A


Similar Part No. - IRHNJ597Z30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ597Z30 IRF-IRHNJ597Z30 Datasheet
201Kb / 8P
   Simple Drive Requirements
IRHNJ597Z30 IRF-IRHNJ597Z30_15 Datasheet
201Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNJ597Z30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ7330SE IRF-IRHNJ7330SE Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67230 IRF-IRHNJ67230 Datasheet
144Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7430SE IRF-IRHNJ7430SE Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ597130 IRF-IRHNJ597130 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57133SE IRF-IRHNJ57133SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ9130 IRF-IRHNJ9130 Datasheet
126Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67134 IRF-IRHNJ67134 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7230 IRF-IRHNJ7230 Datasheet
129Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com