Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ28A Datasheet(PDF) 4 Page - Won-Top Electronics

Part # P6SMBJ28A
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P6SMBJ28A Datasheet(HTML) 4 Page - Won-Top Electronics

  P6SMBJ28A Datasheet HTML 1Page - Won-Top Electronics P6SMBJ28A Datasheet HTML 2Page - Won-Top Electronics P6SMBJ28A Datasheet HTML 3Page - Won-Top Electronics P6SMBJ28A Datasheet HTML 4Page - Won-Top Electronics P6SMBJ28A Datasheet HTML 5Page - Won-Top Electronics P6SMBJ28A Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P6SMBJ SERIES
4 of 6
© 2006 Won-Top Electronics
BI-DIRECTIONAL 600 WATT SURFACE MOUNT TVS
BI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P6SMBJ5.0C
P6SMBJ5.0CA
P6SMBJ6.0C
P6SMBJ6.0CA
AD
AE
AF
AG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
62.5
65.2
52.6
58.3
1600
1600
1600
1600
P6SMBJ6.5C
P6SMBJ6.5CA
P6SMBJ7.0C
P6SMBJ7.0CA
AH
AK
AL
AM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
48.7
53.6
45.1
50.0
1000
1000
400
400
P6SMBJ7.5C
P6SMBJ7.5CA
P6SMBJ8.0C
P6SMBJ8.0CA
AN
AP
AQ
AR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
42.0
46.5
40.0
44.1
200
200
100
100
P6SMBJ8.5C
P6SMBJ8.5CA
P6SMBJ9.0C
P6SMBJ9.0CA
AS
AT
AU
AV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
37.7
41.7
35.5
39.0
20
20
5
5
P6SMBJ10C
P6SMBJ10CA
P6SMBJ11C
P6SMBJ11CA
AW
AX
AY
AZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
31.9
35.3
29.9
33.0
5
5
5
5
P6SMBJ12C
P6SMBJ12CA
P6SMBJ13C
P6SMBJ13CA
BD
BE
BF
BG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
27.3
30.2
25.2
27.9
5
5
1
1
P6SMBJ14C
P6SMBJ14CA
P6SMBJ15C
P6SMBJ15CA
BH
BK
BL
BM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
23.3
25.8
22.3
24.0
1
1
1
1
P6SMBJ16C
P6SMBJ16CA
P6SMBJ17C
P6SMBJ17CA
BN
BP
BQ
BR
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
20.8
23.1
19.7
21.7
1
1
1
1
P6SMBJ18C
P6SMBJ18CA
P6SMBJ20C
P6SMBJ20CA
BS
BT
BU
BV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
18.6
20.5
16.7
18.5
1
1
1
1
P6SMBJ22C
P6SMBJ22CA
P6SMBJ24C
P6SMBJ24CA
BW
BX
BY
BZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
15.2
16.9
14.0
15.4
1
1
1
1
P6SMBJ26C
P6SMBJ26CA
P6SMBJ28C
P6SMBJ28CA
CD
CE
CF
CG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
12.4
14.2
12.0
13.2
1
1
1
1
P6SMBJ30C
P6SMBJ30CA
P6SMBJ33C
P6SMBJ33CA
CH
CK
CL
CM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
11.2
12.4
10.2
11.3
1
1
1
1
P6SMBJ36C
P6SMBJ36CA
P6SMBJ40C
P6SMBJ40CA
CN
CP
CQ
CR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
9.3
10.3
8.4
9.3
1
1
1
1
P6SMBJ43C
P6SMBJ43CA
P6SMBJ45C
P6SMBJ45CA
CS
CT
CU
CV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.7
69.4
80.3
72.7
7.8
8.6
7.5
8.3
1
1
1
1
P6SMBJ48C
P6SMBJ48CA
P6SMBJ51C
P6SMBJ51CA
CW
CX
CY
CZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
7.0
7.7
6.6
7.3
1
1
1
1
P6SMBJ54C
P6SMBJ54CA
P6SMBJ58C
P6SMBJ58CA
DD
DE
DF
DG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
6.2
6.9
5.8
6.4
1
1
1
1
P6SMBJ60C
P6SMBJ60CA
P6SMBJ64C
P6SMBJ64CA
DH
DK
DL
DM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
5.6
6.2
5.3
5.8
1
1
1
1
P6SMBJ70C
P6SMBJ70CA
P6SMBJ75C
P6SMBJ75CA
DN
DP
DQ
DR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
4.8
5.3
4.5
4.9
1
1
1
1
P6SMBJ78C
P6SMBJ78CA
P6SMBJ85C
P6SMBJ85CA
DS
DT
DU
DV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
4.3
4.7
3.9
4.4
1
1
1
1
P6SMBJ90C
P6SMBJ90CA
P6SMBJ100C
P6SMBJ100CA
DW
DX
DY
DZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
3.8
4.1
3.4
3.7
1
1
1
1
P6SMBJ110C
P6SMBJ110CA
P6SMBJ120C
P6SMBJ120CA
ED
EE
EF
EG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
3.0
3.4
2.8
3.1
1
1
1
1
P6SMBJ130C
P6SMBJ130CA
P6SMBJ150C
P6SMBJ150CA
EH
EK
EL
EM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
268.0
243.0
2.6
2.9
2.2
2.5
1
1
1
1
P6SMBJ160C
P6SMBJ160CA
P6SMBJ170C
P6SMBJ170CA
EN
EP
EQ
ER
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
2.1
2.3
2.0
2.2
1
1
1
1


Similar Part No. - P6SMBJ28A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ28A PANJIT-P6SMBJ28A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ28A CHENG-YI-P6SMBJ28A Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ28A SURGE-P6SMBJ28A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Frontier Electronics.
P6SMBJ28A FRONTIER-P6SMBJ28A Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ28A TRSYS-P6SMBJ28A Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ28A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com