Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ36A Datasheet(PDF) 3 Page - Won-Top Electronics

Part # P6SMBJ36A
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P6SMBJ36A Datasheet(HTML) 3 Page - Won-Top Electronics

  P6SMBJ36A Datasheet HTML 1Page - Won-Top Electronics P6SMBJ36A Datasheet HTML 2Page - Won-Top Electronics P6SMBJ36A Datasheet HTML 3Page - Won-Top Electronics P6SMBJ36A Datasheet HTML 4Page - Won-Top Electronics P6SMBJ36A Datasheet HTML 5Page - Won-Top Electronics P6SMBJ36A Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P6SMBJ SERIES
3 of 6
© 2006 Won-Top Electronics
UNI-DIRECTIONAL 600 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P6SMBJ5.0
P6SMBJ5.0A
P6SMBJ6.0
P6SMBJ6.0A
KD
KE
KF
KG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
62.5
65.2
52.6
58.3
800
800
800
800
P6SMBJ6.5
P6SMBJ6.5A
P6SMBJ7.0
P6SMBJ7.0A
KH
KK
KL
KM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
48.7
53.6
45.1
50.0
500
500
200
200
P6SMBJ7.5
P6SMBJ7.5A
P6SMBJ8.0
P6SMBJ8.0A
KN
KP
KQ
KR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
42.0
46.5
40.0
44.1
100
100
50
50
P6SMBJ8.5
P6SMBJ8.5A
P6SMBJ9.0
P6SMBJ9.0A
KS
KT
KU
KV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
37.7
41.7
35.5
39.0
10
10
5
5
P6SMBJ10
P6SMBJ10A
P6SMBJ11
P6SMBJ11A
KW
KX
KY
KZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
31.9
35.3
29.9
33.0
5
5
5
5
P6SMBJ12
P6SMBJ12A
P6SMBJ13
P6SMBJ13A
LD
LE
LF
LG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
27.3
30.2
25.2
27.9
5
5
1
1
P6SMBJ14
P6SMBJ14A
P6SMBJ15
P6SMBJ15A
LH
LK
LL
LM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
23.3
25.8
22.3
24.0
1
1
1
1
P6SMBJ16
P6SMBJ16A
P6SMBJ17
P6SMBJ17A
LN
LP
LQ
LR
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
20.8
23.1
19.7
21.7
1
1
1
1
P6SMBJ18
P6SMBJ18A
P6SMBJ20
P6SMBJ20A
LS
LT
LU
LV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
18.6
20.5
16.7
18.5
1
1
1
1
P6SMBJ22
P6SMBJ22A
P6SMBJ24
P6SMBJ24A
LW
LX
LY
LZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
15.2
16.9
14.0
15.4
1
1
1
1
P6SMBJ26
P6SMBJ26A
P6SMBJ28
P6SMBJ28A
MD
ME
MF
MG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
12.4
14.2
12.0
13.2
1
1
1
1
P6SMBJ30
P6SMBJ30A
P6SMBJ33
P6SMBJ33A
MH
MK
ML
MM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
11.2
12.4
10.2
11.3
1
1
1
1
P6SMBJ36
P6SMBJ36A
P6SMBJ40
P6SMBJ40A
MN
MP
MQ
MR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
9.3
10.3
8.4
9.3
1
1
1
1
P6SMBJ43
P6SMBJ43A
P6SMBJ45
P6SMBJ45A
MS
MT
MU
MV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.7
69.4
80.3
72.7
7.8
8.6
7.5
8.3
1
1
1
1
P6SMBJ48
P6SMBJ48A
P6SMBJ51
P6SMBJ51A
MW
MX
MY
MZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
7.0
7.7
6.6
7.3
1
1
1
1
P6SMBJ54
P6SMBJ54A
P6SMBJ58
P6SMBJ58A
ND
NE
NF
NG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
6.2
6.9
5.8
6.4
1
1
1
1
P6SMBJ60
P6SMBJ60A
P6SMBJ64
P6SMBJ64A
NH
NK
NL
NM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
5.6
6.2
5.3
5.8
1
1
1
1
P6SMBJ70
P6SMBJ70A
P6SMBJ75
P6SMBJ75A
NN
NP
NQ
NR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
4.8
5.3
4.5
4.9
1
1
1
1
P6SMBJ78
P6SMBJ78A
P6SMBJ85
P6SMBJ85A
NS
NT
NU
NV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
4.3
4.7
3.9
4.4
1
1
1
1
P6SMBJ90
P6SMBJ90A
P6SMBJ100
P6SMBJ100A
NW
NX
NY
NZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
3.8
4.1
3.4
3.7
1
1
1
1
P6SMBJ110
P6SMBJ110A
P6SMBJ120
P6SMBJ120A
PD
PE
PF
PG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
3.0
3.4
2.8
3.1
1
1
1
1
P6SMBJ130
P6SMBJ130A
P6SMBJ150
P6SMBJ150A
PH
PK
PL
PM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
268.0
243.0
2.6
2.9
2.2
2.5
1
1
1
1
P6SMBJ160
P6SMBJ160A
P6SMBJ170
P6SMBJ170A
PN
PP
PQ
PR
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
2.1
2.3
2.0
2.2
1
1
1
1


Similar Part No. - P6SMBJ36A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ36A PANJIT-P6SMBJ36A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
P6SMBJ36A PANJIT-P6SMBJ36A Datasheet
115Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ36A SURGE-P6SMBJ36A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ36A CHENG-YI-P6SMBJ36A Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ36A TRSYS-P6SMBJ36A Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ36A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com