Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C562C1A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC68C562C1A
Description  CMOS dual universal serial communications controller CDUSCC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C562C1A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC68C562C1A Datasheet HTML 7Page - NXP Semiconductors SC68C562C1A Datasheet HTML 8Page - NXP Semiconductors SC68C562C1A Datasheet HTML 9Page - NXP Semiconductors SC68C562C1A Datasheet HTML 10Page - NXP Semiconductors SC68C562C1A Datasheet HTML 11Page - NXP Semiconductors SC68C562C1A Datasheet HTML 12Page - NXP Semiconductors SC68C562C1A Datasheet HTML 13Page - NXP Semiconductors SC68C562C1A Datasheet HTML 14Page - NXP Semiconductors SC68C562C1A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Philips Semiconductors
Product specification
SC68C562
CMOS Dual universal serial communications controller
(CDUSCC)
1998 Sep 04
11
INVALID
DATA VALID
INVALID
tIALIAH
tIALDDV
tDDVDAL
tIAHDDF
tIAHDAH
tIAHDDI
tIAHDAZ
tIALDAL
tDALIAH
IRQN
IACKN
D0-D7
DTACHN12
tIALDDA
SD00256
Figure 4. Interrupt Cycle Timing
12
LIMITS
SYMBOL
PARAMETER12
INDUSTRIAL SC68C562
COMMERCIAL SC68C562
UNIT
Min
Max
Min
Max
tIALIAH
IACKN low to IACKN high
140
130
ns
tIALDDA
IACKN low to data bus drivers active9
5
10
ns
tIALDDV
IACKN low to read data valid
140
130
ns
tIAHDDF
IACKN high to data bus floating
60
60
ns
tDDVDAL
Read data valid to DTACKN low9
20
20
ns
tIAHDAH
IACKN high to DTACKN high
80
70
ns
tIAHDAZ
IACKN high to DTACKN high impedance
110
100
ns
tIALDAL
IACKN low to DTACKN low9
30
) 1
f
CL
140
) 1.5
f
CL
40
) 1
f
CL
130
) 1.5
f
CL
ns
tIAHDDI
IACKN high to data bus invalid
5
5
ns
tDALIAH
DTACKN low to IACKN high9
0
0
ns
IACKN
IDCN
tIALDCL
SD00257
Figure 5. Interrupt Daisy Chain Timing
LIMITS
SYMBOL
PARAMETER
INDUSTRIAL SC68C562
COMMERCIAL SC68C562
UNIT
Min
Max
Min
Max
tIALDCL
IACKN low to IDCN (daisy chain) low
70
60
ns
tCSLGII
tGIVCSL
RWN
CSN
GPI1_N
AND/OR
GPI2_N
SD00258
Figure 6. Input Port Timing


Similar Part No. - SC68C562C1A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC68C198 PHILIPS-SC68C198 Datasheet
358Kb / 49P
   Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C198A1A PHILIPS-SC68C198A1A Datasheet
358Kb / 49P
   Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C198C1A PHILIPS-SC68C198C1A Datasheet
358Kb / 49P
   Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C2550BIB48 NXP-SC68C2550BIB48 Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
More results

Similar Description - SC68C562C1A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
SCN26562 PHILIPS-SCN26562 Datasheet
101Kb / 17P
   Dual universal serial communications controller DUSCC
1995 May 1
SCN68562 PHILIPS-SCN68562 Datasheet
120Kb / 18P
   Dual universal serial communications controller DUSCC
1995 May 01
logo
Zilog, Inc.
Z85C3010VEG ZILOG-Z85C3010VEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3010VSG ZILOG-Z85C3010VSG Datasheet
547Kb / 83P
   CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z80C30 ZILOG-Z80C30 Datasheet
873Kb / 96P
   CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com