Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC2691 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SCC2691
Description  Universal asynchronous receiver/transmitter UART
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2691 Datasheet(HTML) 5 Page - NXP Semiconductors

  SCC2691 Datasheet HTML 1Page - NXP Semiconductors SCC2691 Datasheet HTML 2Page - NXP Semiconductors SCC2691 Datasheet HTML 3Page - NXP Semiconductors SCC2691 Datasheet HTML 4Page - NXP Semiconductors SCC2691 Datasheet HTML 5Page - NXP Semiconductors SCC2691 Datasheet HTML 6Page - NXP Semiconductors SCC2691 Datasheet HTML 7Page - NXP Semiconductors SCC2691 Datasheet HTML 8Page - NXP Semiconductors SCC2691 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Philips Semiconductors
Product specification
SCC2691
Universal asynchronous receiver/transmitter (UART)
1998 Sep 04
5
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature range2
Note 4
°C
TSTG
Storage temperature range
–65 to +150
°C
VCC
Voltage from VCC to GND3
–0.5 to + 7.0
V
VS
Voltage from any pin to ground3
–0.5 to VCC +10%
V
PD
Power Dissipation
300
mW
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperature, the device must be derated based on +150
°C maximum junction temperature.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over specified temperature range. See Ordering Information table for applicable operating temperature and VCC supply
range.
DC ELECTRICAL CHARACTERISTICS1, 2, 3
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VIL
VIH
Input low voltage
Input high voltage
0.8
V
All except X1/CLK
X1/CLK
2
0.8VCC
VCC
V
V
VOL
VOH4
Output low voltage
Output high voltage
(except open drain outputs)
IOL = 2.4mA
IOH = –400µA
2.4
0.4
V
V
IIL
Input leakage current
VIN = 0 to VCC
–10
10
µA
ILL
Data bus 3-State leakage current
VO = 0.4 to VCC
–10
10
µA
IOD
Open-drain output leakage current
VO = 0.4 to VCC
–10
10
µA
IXIL
X1/CLK low input current
VIN = 0, X2 floated
–100
–30
0
µA
IXIH
X1/CLK high input current
VIN = VCC, X2 floated
0
30
100
µA
IX2L
X2 low output current
VOUT = 0, X1/CLK = VCC
–100
µA
IX2H
X2 high output current
VOUT = VCC, X1/CLK = 0V
100
µA
ICCA
ICCD
Power supply current, active
Power down current5
0
°C to +70°C
–40
°C to +85°C
0.8
1.0
2.0
2.5
500
mA
mA
µA
NOTES:
1. Parameters are valid over specified temperature range. See Ordering Information table for applicable operating temperature and VCC supply
range.
2. All voltage measurements are referenced to ground (GND). For testing, all input signals swing between 0V and 3.0V with a transition time of
20ns max. For X1/CLK, this swing is between 0.4V and 4.0V. All time measurements are referenced at input voltages of 0.8V and 2V and
output voltages of 0.8V and 2V as appropriate.
3. Typical values are at +25
°C, typical supply voltages, and typical processing parameters.
4. Test condition for outputs: CL = 150pF, except interrupt outputs. Test conditions for interrupt outputs: CL = 50pF, RL = 2.7kΩ to VCC.
5. For power down current levels in the 1
µA region see the UART application note.


Similar Part No. - SCC2691

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1A44 PHILIPS-SCC2692AC1A44 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1B44 PHILIPS-SCC2692AC1B44 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1N28 PHILIPS-SCC2692AC1N28 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1N40 PHILIPS-SCC2692AC1N40 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCC2691

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com