Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17010 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17010
Description  Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17010 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17010 Datasheet HTML 2Page - Maxim Integrated Products MAX17010 Datasheet HTML 3Page - Maxim Integrated Products MAX17010 Datasheet HTML 4Page - Maxim Integrated Products MAX17010 Datasheet HTML 5Page - Maxim Integrated Products MAX17010 Datasheet HTML 6Page - Maxim Integrated Products MAX17010 Datasheet HTML 7Page - Maxim Integrated Products MAX17010 Datasheet HTML 8Page - Maxim Integrated Products MAX17010 Datasheet HTML 9Page - Maxim Integrated Products MAX17010 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Internal-Switch Boost Regulator with Integrated
High-Voltage Level Shifter and Op Amp
6
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuit of Figure 1, VIN = 3V, VMAIN = 8.5V, TA = +25°C, unless otherwise noted.)
STEP-UP CONVERTER EFFICIENCY
LOAD CURRENT (mA)
100
10
10
20
30
40
50
60
70
80
90
100
0
1
1000
VIN = 5.0V
VIN = 3.3V
VIN = 1.8V
VL LOAD REGULATION
LOAD CURRENT (mA)
1
0.1
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
-0.40
0.01
10
VIN = 3.3V
STEP-UP CONVERTER
LOAD REGULATION
LOAD CURRENT (mA)
1000
100
10
-0.8
-0.6
-0.4
-0.2
0
0.2
-1.0
1
10,000
VIN = 3.3V
VIN = 1.8V
VIN = 5.0V
STEP-UP CONVERTER LINE REGULATION
UNDER DIFFERENT LOADS
INPUT VOLTAGE (V)
4.8
5.3
4.3
3.8
3.3
2.8
2.3
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
-1.0
1.8
5.8
0.1A LOAD
0.3A LOAD
0.2A LOAD
NO LOAD
IN SUPPLY QUIESCENT CURRENT
vs. IN SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.6
5.1
4.1
3.6
3.1
2.6
2.1
10
20
30
40
50
60
70
80
0
1.6
5.6
0.2A LOAD
NO LOAD
INPUT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
80
40
20
0
-20
-40
10
20
30
40
50
60
70
0
-60
100
VIN = 3.3V
NO LOAD ON VMAIN
VIN = 5V
STEP-UP CONVERTER SWITCHING
FREQUENCY vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4.6 5.1 5.6
4.1
3.6
3.1
2.6
2.1
1.11
1.13
1.12
1.14
1.15
1.16
1.17
1.18
1.19
1.20
1.10
1.6
100mA LOAD
STEP-UP CONVERTER SOFT-START
WITH HEAVY LOAD
MAX17010 toc08
2ms/div
0V
0V
0V
0mA
LX
5V/div
VMAIN
5V/div
IL
500mA/div
SHDN
CONTROL
5V/div


Similar Part No. - MAX17010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
MAX17010EVKIT MAXIM-MAX17010EVKIT Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
MAX17010EVKIT++ MAXIM-MAX17010EVKIT+ Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
More results

Similar Description - MAX17010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17088 MAXIM-MAX17088 Datasheet
796Kb / 28P
   Internal-Switch Boost Regulator with High-Voltage Level Shifter for TFT LCDs
2009
MAX17117 MAXIM-MAX17117 Datasheet
1Mb / 22P
   Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
19-5241; Rev 0; 4/10
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Silicon Mitus, Inc.
SM4028 SILICONMITUS-SM4028 Datasheet
268Kb / 1P
   Monitor LCD Panel PMIC with AVDD Boost, Level-Shifter, GPM, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Silicon Mitus, Inc.
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
   Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
logo
Maxim Integrated Produc...
MAX17115 MAXIM-MAX17115 Datasheet
2Mb / 23P
   Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
2010
logo
SYNC POWER Crop.
SP435W SYNC-POWER-SP435W Datasheet
98Kb / 7P
   Dual OP AMP with Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com