Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFW3501 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # PFW3501
Description  35A 1/2 WASHER LEAD PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PFW3501 Datasheet(HTML) 2 Page - Won-Top Electronics

  PFW3501 Datasheet HTML 1Page - Won-Top Electronics PFW3501 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PFW3500 – PFW3506
2 of 2
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
PFW3500
DO-21 Washer Lead Press-Fit
100 Units/Box
PFW3501
DO-21 Washer Lead Press-Fit
100 Units/Box
PFW3502
DO-21 Washer Lead Press-Fit
100 Units/Box
PFW3503
DO-21 Washer Lead Press-Fit
100 Units/Box
PFW3504
DO-21 Washer Lead Press-Fit
100 Units/Box
PFW3505
DO-21 Washer Lead Press-Fit
100 Units/Box
PFW3506
DO-21 Washer Lead Press-Fit
100 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, PFW3500-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - PFW3501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW3501 WTE-PFW3501 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
More results

Similar Description - PFW3501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW3520 WTE-PFW3520 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PFW2500 WTE-PFW2500_06 Datasheet
33Kb / 2P
   25A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW5000 WTE-PFW5000_06 Datasheet
33Kb / 2P
   50A 1/2 WASHER LEAD PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
   35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW5020 WTE-PFW5020 Datasheet
32Kb / 2P
   50A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
   35A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500_14 Datasheet
32Kb / 2P
   35A 1/2??PRESS-FIT DIODE
PF3500 WTE-PF3500_06 Datasheet
30Kb / 2P
   35A 1/2" PRESS-FIT DIODE
PF3520 WTE-PF3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2??PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com