Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFW3520 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PFW3520
Description  35A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PFW3520 Datasheet(HTML) 1 Page - Won-Top Electronics

  PFW3520 Datasheet HTML 1Page - Won-Top Electronics PFW3520 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PFW3520 & PFW3524
1 of 2
© 2006 Won-Top Electronics
Pb
PFW3520 & PFW3524
35A AVALANCHE 1/2" WASHER LEAD PRESS-FIT DIODE
Features
!
Diffused Junction
Anode
+
!
Low Leakage
F
!
Low Cost
G
!
High Surge Current Capability
!
Typical IR less than 200nA
C
               
  E
Mechanical Data
D
!
Case: Copper Case and Components
B
Hermetically Sealed
!
Terminals: Insulated Wire with Washer Lead
!
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
A
By A “R” Suffix, i.e. PFW3520R or PFW3524R)
!
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
!
Mounting Position: Any
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PFW3520
PFW3524
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
16
20
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Breakdown Voltage Min.
@IR = 100mA
Breakdown Voltage Max.
@IR = 100mA
VBR
20
26
24
32
V
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IRM
200
nA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance (Note 2)
RJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
DO-21 Washer Lead
Dim
Min
Max
A
15.77
15.97
B
12.73
12.82
C
1.25
1.31
D
5.70
5.90
E
11.80
12.00
F
37.0
40.0
G
4.30 Ø Typical
All Dimensions in mm


Similar Part No. - PFW3520

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW3500 WTE-PFW3500 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500 Datasheet
33Kb / 2P
   35A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500_06 Datasheet
33Kb / 2P
   35A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW3501 WTE-PFW3501 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW3501 WTE-PFW3501 Datasheet
33Kb / 2P
   35A 1/2 WASHER LEAD PRESS-FIT DIODE
More results

Similar Description - PFW3520

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW3500 WTE-PFW3500_06 Datasheet
33Kb / 2P
   35A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW5020 WTE-PFW5020 Datasheet
32Kb / 2P
   50A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF3520 WTE-PF3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2??PRESS-FIT DIODE
PF3520 WTE-PF3520 Datasheet
29Kb / 2P
   35A AVALANCHE 1/2 PRESS-FIT DIODE
PFW2500 WTE-PFW2500_06 Datasheet
33Kb / 2P
   25A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW5000 WTE-PFW5000_06 Datasheet
33Kb / 2P
   50A 1/2 WASHER LEAD PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
   35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
   35A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500_14 Datasheet
32Kb / 2P
   35A 1/2??PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com