Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB150 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # RB150
Description  1.5A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RB150 Datasheet(HTML) 2 Page - Won-Top Electronics

  RB150 Datasheet HTML 1Page - Won-Top Electronics RB150 Datasheet HTML 2Page - Won-Top Electronics RB150 Datasheet HTML 3Page - Won-Top Electronics RB150 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RB150 – RB1510
2 of 4
© 2006 Won-Top Electronics
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25°C
Pulse width = 300µs
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Pulse Width 8.3 ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1mz
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
Single phase half-sine-wave
60Hz resistive or inductive load


Similar Part No. - RB150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB150 WTE-RB150 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
RB150 EIC-RB150 Datasheet
61Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
RB150 LRC-RB150 Datasheet
53Kb / 2P
   1.5A RB SERIES SIP BRIDGE RECTIFIERS
logo
SynSemi, Inc.
RB150 SYNSEMI-RB150 Datasheet
39Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RB150 EIC-RB150 Datasheet
46Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RB150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP150 WTE-KBP150_06 Datasheet
47Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
B40C1500 WTE-B40C1500_06 Datasheet
50Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
W005M WTE-W005M_06 Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
KBP005M WTE-KBP005M_06 Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP150G WTE-KBP150G_06 Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DF150 WTE-DF150_06 Datasheet
56Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
W005G WTE-W005G_06 Datasheet
47Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RB151 YFWDIODE-RB151 Datasheet
642Kb / 3P
   1.5A SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
SEMTECH ELECTRONICS LTD...
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com